Electronic Components Datasheet Search
  English  ▼

X  

AD7183 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7183 Datasheet HTML 23Page - Analog Devices AD7183 Datasheet HTML 24Page - Analog Devices AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices AD7183 Datasheet HTML 29Page - Analog Devices AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
REV. 0
ADV7183
–27–
Table XX. Status Register
1 (Subaddress 10)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
STATUS[7:0]
2
0
1
Color Kill Active
0
1
White Peak Active
0
1
ADC Overflow Detected
0
1
ADC Underflow Detected
0
1
50 Hz Field Rate Auto Detected
0
1
FSC Locked (current)
0
1
Lost Lock (since last read)
0
1
In Lock (current)
NOTES
1Read only
2Provides information about the internal status of the decoder.
Table XXI. Info Register
1 (Subaddress 11)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
IDENT[7:0]
2
XXXXXXXX
0 = v85a, 3 = v85b, 4 = v85b3, 5 = v85b3
NOTES
1Read only
2Provides identification on the revision of the part.
Table XXII. Analog Control Internal Register (Subaddress 13)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
TIM_OE
*
0
Dependent on
OE andTOD
1
HS,VS, F Forced Active
RESERVED
010001
1
Set at Default Value
*Timing Signals Output. Enables the user to force the output drivers for H-SYNC,V-SYNC, and Field into an active state regardless of the OE pin and TOD bit.
Table XXIII. Analog Clamp Control Register (Subaddress 14)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
FICL[1:0]
1
0
0
I On for 16 Clock Cycles
0
1
I On for 32 Clock Cycles
1
0
I On for 64 Clock Cycles
1
1
I On for 128 Clock Cycles
FACL[1:0]
2
0
0
I On for 16 Clock Cycles
0
1
I On for 32 Clock Cycles
1
0
I On for 64 Clock Cycles
1
1
I On for 128 Clock Cycles
CCLEN
3
0
I Sources Switched Off
1
I Sources Enabled
VCLEN
4
0
Voltage Clamp Disabled
1
Voltage Clamp Enabled
RESERVED
0
0
Set to Zero
NOTES
1Fine Clamp Length. Controls the number of clock cycles for which the slow current is on.
2Fast Clamp Length. Controls the number of clock cycles for which the fast current is on.
3Current Clamp Enable. Allows the user to switch off the I sources in the analog front end.
4Voltage Clamp Enable. Allows the user to disable the voltage clamp circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com