Electronic Components Datasheet Search
  English  ▼

X  

CD54HC354 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC354
Description  8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC354 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC354 Datasheet HTML 1Page - Texas Instruments CD54HC354 Datasheet HTML 2Page - Texas Instruments CD54HC354 Datasheet HTML 3Page - Texas Instruments CD54HC354 Datasheet HTML 4Page - Texas Instruments CD54HC354 Datasheet HTML 5Page - Texas Instruments CD54HC354 Datasheet HTML 6Page - Texas Instruments CD54HC354 Datasheet HTML 7Page - Texas Instruments CD54HC354 Datasheet HTML 8Page - Texas Instruments CD54HC354 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Semiconductor
Features
• HC/HCT354
- Transparent Data and Select Latches
• Buffered Inputs
• Three-State Complementary Outputs
• Bus Line Driving Capability
• Typical Propagation Delay: VCC = 5V, CL = 15pF,
TA = 25
oC
- Data to Output = 18ns
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD54HC354, CD74HC354, and CD74HCT354 are data
selectors/multiplexers that select one of eight sources. In both
types, the data select bits S0, S1 and S2 are stored in
transparent latches that are enabled by a low latch enable
input, LE.
In the HC/HCT354 the data enable input, E, controls
transparent latches that pass data to the outputs when Eis
high and latches in new data when E is low.
In both types the three-state outputs are controlled by three
output-enable inputs OE1, OE2, and OE3.
Pinout
CD54HC354
(CERDIP)
CD74HC354, CD74HCT354
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC354F3A
-55 TO 125
20 Ld CERDIP
CD74HC354E
-55 to 125
20 Ld PDIP
CD74HCT354E
-55 to 125
20 Ld PDIP
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
D7
D6
D5
D4
D3
D2
D0
D1
E
GND
VCC
Y
OE3
OE2
Y
OE1
S0
S1
S2
LE
SCHS277D - November 1997 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC354, CD74HC354,
CD74HCT354
8-Line to 1-Line Data Selector/Multiplexer/Register
With 3-State Outputs
[ /Title
(CD74
HC354
,
CD74
HCT35
4)
/Sub-
ject
(High
Speed
CMOS
Logic
8-Input
Multip
lexer/
Regis-


Similar Part No. - CD54HC354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
304Kb / 11P
HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD54HC354 TI-CD54HC354 Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354 TI2-CD54HC354 Datasheet
317Kb / 17P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
Revised May 2003
CD54HC354F3A TI-CD54HC354F3A Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354F3A TI2-CD54HC354F3A Datasheet
317Kb / 17P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
Revised May 2003
More results

Similar Description - CD54HC354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
HD74HC356 HITACHI-HD74HC356 Datasheet
65Kb / 10P
8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com