Electronic Components Datasheet Search
  English  ▼

X  

CD54HC354 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC354
Description  8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC354 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC354 Datasheet HTML 5Page - Texas Instruments CD54HC354 Datasheet HTML 6Page - Texas Instruments CD54HC354 Datasheet HTML 7Page - Texas Instruments CD54HC354 Datasheet HTML 8Page - Texas Instruments CD54HC354 Datasheet HTML 9Page - Texas Instruments CD54HC354 Datasheet HTML 10Page - Texas Instruments CD54HC354 Datasheet HTML 11Page - Texas Instruments CD54HC354 Datasheet HTML 12Page - Texas Instruments CD54HC354 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Propagation Delay,
Sn
→ Y, Y
tPLH, tPHL
CL = 50pF
4.5
-
59
74
89
ns
CL = 15pF
5
25
-
-
-
ns
Propagation Delay,
LE
→ Y, Y
tPLH, tPHL
CL = 50pF
4.5
-
63
79
94
ns
CL = 15pF
5
25
-
-
-
ns
Output Disabling Time,
OEn to Y, Y
tPLZ, tPHZ
CL = 50pF
4.5
-
33
41
50
ns
CL = 15pF
5
13, 16
-
-
-
ns
Output Disabling Time,
OE3 to Y, Y
tPLZ, tPHZ
CL = 50pF
4.5
-
39
49
59
ns
CL = 15pF
5
13, 16
-
-
-
ns
Output Enabling Time,
OEn to Y, Y
tPZL, tPZH
CL = 50pF
4.5
-
34
43
51
ns
CL = 15pF
5
14
-
-
-
ns
Output Enabling Time,
OE3 to Y, Y
tPZL, tPZH
CL = 50pF
4.5
-
34
43
51
ns
CL = 15pF
5
14
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Three-State Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 4, 5)
CPD
-
5
92
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per device.
5. PD = VCC
2 (C
PD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 3. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
CD54HC354, CD74HC354, CD74HCT354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com