Electronic Components Datasheet Search
  English  ▼

X  

TC1275 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1275
Description  3-Pin Reset Monitors for 3.3V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1275 Datasheet(HTML) 3 Page - Microchip Technology

  TC1275 Datasheet HTML 1Page - Microchip Technology TC1275 Datasheet HTML 2Page - Microchip Technology TC1275 Datasheet HTML 3Page - Microchip Technology TC1275 Datasheet HTML 4Page - Microchip Technology TC1275 Datasheet HTML 5Page - Microchip Technology TC1275 Datasheet HTML 6Page - Microchip Technology TC1275 Datasheet HTML 7Page - Microchip Technology TC1275 Datasheet HTML 8Page - Microchip Technology TC1275 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21383B-page 3
TC1275/TC1276/TC1277
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(3-Pin SOT-23B)
Symbol
Description
1
RESET (TC1275/
TC1276)
RESET output remains low while VCC is below the reset voltage threshold, and for
200msec (100msec min.) after VCC rises above reset threshold. The output stage of the
TC1275 is complimentary. The output stage of the TC1276 is open drain.
1
RESET (TC1277)
RESET output remains high while VCC is below the reset voltage threshold, and for
200msec (100msec min.) after VCC rises above reset threshold. The output stage of the
TC1277 is complimentary.
2VCC
Supply voltage (1.2V to 5.5V TC1275 and TC1276, 1.8V to 5.5V TC1277).
3
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com