Electronic Components Datasheet Search
  English  ▼

X  

TC1275 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1275
Description  3-Pin Reset Monitors for 3.3V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1275 Datasheet(HTML) 1 Page - Microchip Technology

  TC1275 Datasheet HTML 1Page - Microchip Technology TC1275 Datasheet HTML 2Page - Microchip Technology TC1275 Datasheet HTML 3Page - Microchip Technology TC1275 Datasheet HTML 4Page - Microchip Technology TC1275 Datasheet HTML 5Page - Microchip Technology TC1275 Datasheet HTML 6Page - Microchip Technology TC1275 Datasheet HTML 7Page - Microchip Technology TC1275 Datasheet HTML 8Page - Microchip Technology TC1275 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21383B-page 1
TC1275/TC1276/TC1277
Features
• Precision VCC Monitor for 3.3V Systems
• 100msec Minimum RESET, RESET Output
Duration
• Output Valid to VCC =1.2V
•VCC Transient Immunity
• Small 3-Pin SOT-23B Package
• No External Components
Applications
• Computers
• Embedded Systems
• Battery Powered Equipment
• Critical
µP Power Supply Monitoring
Device Selection Table
NOTE: “x” denotes a suffix for VCC threshold (see table below).
Package Type
General Description
The
TC1275/TC1276/TC1277
are
cost-effective
system supervisor circuits designed to monitor VCC in
digital systems and provide a reset signal to the host
processor when necessary. No external components
are required.
The reset output is driven active within 20
µsec of VCC
falling through the reset voltage threshold. RESET is
maintained active for a minimum of 100msec after VCC
rises above the reset threshold. The TC1277 has an
active-high RESET output while the TC1275 and
TC1276 have an active-low RESET output. TC1275
and TC1277 each have a complimentary output while
the TC1276 has an open drain output. The output of the
TC1275 and TC1276 is valid down to VCC =1.2V. The
TC1277 is valid down to VCC = 1.8V. All three devices
are available in a 3-Pin SOT-23B package.
The TC1275/TC1276/TC1277 devices are optimized to
reject fast transient glitches on the VCC line.
Typical Operating Circuit
Part
Number
Order
Package
Temp.
Range
TC1275-xENB
Complimentary
3-Pin SOT-23B
-40°C to +85°C
TC1276-xENB
Open Drain
3-Pin SOT-23B
-40°C to +85°C
TC1277-xENB
Complimentary
3-Pin SOT-23B
-40°C to +85°C
Suffix
Reset VCC Threshold (V)
53.06
10
2.88
20
2.55
VCC
RESET
*(RESET)
GND
TC1275-xENB
TC1276-xENB
TC1277-xENB
1
2
3
NOTE: 3-Pin SOT-23B is equivalent to JEDEC TO-236
*( ) is for TC1277
3-Pin SOT-23B
TC1275
VCC
VCC
VCC
RESET
RESET
Input
GND
GND
Processor
1
2
3
3-Pin Reset Monitors for 3.3V Systems


Similar Part No. - TC1275

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1275-10ENB MICROCHIP-TC1275-10ENB Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1275-15ENB MICROCHIP-TC1275-15ENB Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1275-5ENB MICROCHIP-TC1275-5ENB Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
More results

Similar Description - TC1275

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
3-Pin Reset Monitors for 5V Systems
2003
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com