Electronic Components Datasheet Search
  English  ▼

X  

ST2L05R1830PS Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2L05R1830PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1830PS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2L05R1830PS Datasheet HTML 9Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 10Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 11Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 12Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 13Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 14Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 15Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 16Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ST2L05
13/23
an ESR value lower than the minimum required by the ST2L05 and their relatively large capacitance can
change a lot depending on the ambient temperature.The test results of the ST2L05 stability using
multilayer ceramic capacitors show that a minimum value of 2.2µF is needed for both regulators. This
value can be increased without limit if the input capacitor value is major or equal to 4.7µF, and up to 10µF
if the input capacitor is minor than 4.7µF.Surface-mountable solid tantalum capacitors offer a good
combination of small physical size for the capacitance value and ESR in the range needed by the ST2L05.
The test results show good stability for both outputs with values of at least 1µF. The value can be
increased without limit for even better performance such as transient response and noise.
IMPORTANT:
The output capacitor must maintain its ESR in the stable region over the full operating temperature to
assure stability. More over, capacitor tolerance and variations due to temperature must be considered to
assure that the minimum amount of capacitance is provided at all times. For this reason, when a Ceramic
multilayer capacitor is used, the better choice for temperature coefficient is the X7R type, which holds the
capacitance within ±15%. The output capacitor should be located not more than 0.5" from the output pins
of the device and returned to a clean analog ground.
ADJUSTABLE REGULATOR
The ST2L05 has a 1.25V reference voltage between the output and the adjust pins (respectively pin 4 and
2). When a resistor R1 is placed between these two terminals, a constant current flows through R1 and
down to R2 to set the overall (VO2 to GND) output voltage. Minimum load current is 2mA max in all
temperature conditions.
Figure 6: Application Circuit
VO = VREF(1+R1/R2)+IADJR1
IADJ is very small (typically 35µA) and constant: in the VO calculation it can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com