Electronic Components Datasheet Search
  English  ▼

X  

ST2L05R1830PS Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2L05R1830PS
Description  VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L05R1830PS Datasheet(HTML) 4 Page - STMicroelectronics

  ST2L05R1830PS Datasheet HTML 1Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 2Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 3Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 4Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 5Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 6Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 7Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 8Page - STMicroelectronics ST2L05R1830PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ST2L05
4/23
Table 2: Absolute Maximum Ratings
(*) Storage temperatures > 125°C are only acceptable if the Dual Regulator is soldered to a PCBA.
Absolute Maximum Ratings are those beyond which damage to the device may occur. Functional operation under these condition is not im-
plied.
Table 3: Recommended Operating Conditions
Table 4: Thermal Data
Figure 3: Pin Connection (top view for SPAK, top through view for DFN8)
Table 5: Pin Description
Symbol
Parameter
Value
Unit
VI
Operating Input Voltage
10
V
PD
Power Dissipation
Internally Limited
IOSH
Short Circuit Output Current - 3.3 V and adjustable output
Internally Limited
Top
Operating Junction Temperature Range
0 to 150
°C
Tstg
Storage Temperature Range(*)
-65 to 150
°C
TLEAD
Lead Temperature (Soldering) 10 Sec.
260
°C
Symbol
Parameter
Value
Unit
VI
Input Voltage
4.5 to 7
V
∆V
I
Input Voltage Ripple
± 0.15
V
tRISE
Input Voltage Rise Time (from 10% to 90%)
≥ 1
µsec
tFALL
Input Voltage Fall Time (from 10% to 90%)
≥ 1
µsec
Symbol
Parameter
SPAK
DFN
Unit
Rthj-case
Thermal Resistance Junction-case
22
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
26
36
°C/W
SPAK
DFN
Symbol
Name and Function
13
VI
Bypass with a 4.7µF capacitor to GND
2
4
ADJ/N.C.
Resistor divider connection/Not Connected
3
8
GND
Ground
45
VO2
Adjustable output voltage: bypass with a 4.7µF capacitor to GND
57
VO1
Fixed output voltage: bypass with a 4.7µF capacitor to GND
1, 2, 6
NC
Not Connected
DFN8
SPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com