Electronic Components Datasheet Search
  English  ▼

X  

STW81200 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 50Page - STMicroelectronics STW81200 Datasheet HTML 51Page - STMicroelectronics STW81200 Datasheet HTML 52Page - STMicroelectronics STW81200 Datasheet HTML 53Page - STMicroelectronics STW81200 Datasheet HTML 54Page - STMicroelectronics STW81200 Datasheet HTML 55Page - STMicroelectronics STW81200 Datasheet HTML 56Page - STMicroelectronics STW81200 Datasheet HTML 57Page - STMicroelectronics STW81200 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
Package information
STW81200
56/58
DocID025943 Rev 7
1. VFQFNP stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead. Very thin:
A=1.00 Max.
2. Details of terminal 1 identifier are optional but must be located on the top surface of the package by using
either a mold or marked features.
Table 13. VFQFPN36 package mechanical data
REF.
MIN.
TYP.
MAX.
NOTES
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.18
0.23
0.30
D
5.875
6.00
6.125
D2
3.55
3.70
3.85
E
5.875
6.00
6.125
E2
3.55
3.70
3.85
e
0.45
0.50
0.55
L
0.35
0.55
0.75
K0.25
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58