Electronic Components Datasheet Search
  English  ▼

X  

STW81200 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 22Page - STMicroelectronics STW81200 Datasheet HTML 23Page - STMicroelectronics STW81200 Datasheet HTML 24Page - STMicroelectronics STW81200 Datasheet HTML 25Page - STMicroelectronics STW81200 Datasheet HTML 26Page - STMicroelectronics STW81200 Datasheet HTML 27Page - STMicroelectronics STW81200 Datasheet HTML 28Page - STMicroelectronics STW81200 Datasheet HTML 29Page - STMicroelectronics STW81200 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
Circuit description
STW81200
26/58
DocID025943 Rev 7
The resulting VCO frequency is:
where:
FVCO is the output frequency of VCO
Fref is the input reference frequency
R is the division ratio of reference chain
N is the overall division ratio of the PLL
The implementation with programmable modulus allows the user to select easily the desired
fraction and the exact synthesized frequency without any approximation.
The MOD value can be set to very high values thus the frequency resolution of the
synthesizer can reach very fine steps (down to a few hertz).
A ‘low spur mode’ could be configured by maximizing both FRAC and MOD values, keeping
the same desired FRAC/MOD ratio, and setting the DITHERING bit to ‘1’. The drawback is a
small frequency error, equal to FPFD/(2*MOD), on the synthesized frequency which is in the
range of a few hertz, usually tolerated by most applications.
7.3.1
Fractional spurs and compensation mechanism
The fractional PLL operation generates unwanted fractional spurs around the synthesized
frequency.
The integer boundary spurs occur when the carrier frequency is close to an integer multiple
of the PFD frequency. If the frequency difference between the carrier and the N*FPFD falls
inside the PLL loop bandwidth, the integer boundary spur is unfiltered and represents the
worst case situation giving the highest spur level.
The channel spurs are generated by the delta-sigma modulator operations and depend on
its settings (they are mainly related to the MOD value). The channel spurs appear at a
frequency offset from the carrier, equal to FPFD/MOD and its harmonics, and they are not
integer boundary. If the MOD value is extremely high (close to the maximum value of 221-1)
the channel spur offset is of the order of a tenth of a Hertz and it appears as ‘granular noise’
shaped by the PLL around the carrier.
The STW81200 provides the user with three different mechanisms to compensate fractional
spurs: PFD delay mode, charge pump leakage current and down-split current. These
features should be adopted case-by-case as they give different results spur-level results
depending on setup conditions (reference clock frequency, PFD frequency, DSM setup,
VCO frequency, carrier frequency, charge pump current, VCO/charge pump supply voltage).
PFD delay mode
The STW81200 implements two programmable differentiated delay lines in the reset path of
the main flip-flop of the PFD. This allow different delay reset values to be set for VCO
divided path and reference-clock divided path, allowing an offset value to be forced on the
PFD and charge-pump characteristics, far enough from the zero in order to guarantee that
the whole circuit works in a more linear region.
FVCO
Fref
R
---------- N
⋅
Fref
R
----------
NINT
FRAC
MOD
-----------------
DITHERING
2MOD
⋅
-----------------------------------
++


⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com