Electronic Components Datasheet Search
  English  ▼

X  

STW81200T Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 25Page - STMicroelectronics STW81200T Datasheet HTML 26Page - STMicroelectronics STW81200T Datasheet HTML 27Page - STMicroelectronics STW81200T Datasheet HTML 28Page - STMicroelectronics STW81200T Datasheet HTML 29Page - STMicroelectronics STW81200T Datasheet HTML 30Page - STMicroelectronics STW81200T Datasheet HTML 31Page - STMicroelectronics STW81200T Datasheet HTML 32Page - STMicroelectronics STW81200T Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
DocID025943 Rev 7
29/58
STW81200
Circuit description
57
7.7
Fast lock mode
The fast-lock feature can be enabled to trade fast settling time with spurs rejection,
performances which generally require different settings of PLL bandwidth (narrow for better
spurs rejection and wide for fast settling time).
A narrow bandwidth for lower spurs can be designed for the lock state while a wider
bandwidth can be designed for the PLL transients.
The wider bandwidth is achieved during the transient by increasing the charge pump current
and reducing accordingly the dumping resistor value of the loop filter in order to keep the
phase margin of the PLL constant. The duration of the PLL wide band mode, in terms of
number of PFD cycles, is set by programming the fast lock 13 bit counter.
7.8
Cycle slip reduction
The use of high FPFD/PLL_BW ratios may lead to an increased settling time due to cycle
slips.
A cycle slip compensation circuit is provided which automatically increases the charge
pump current for high frequency errors and restores the programmed value at the end of the
locking phase.
7.9
Voltage controlled oscillators (VCOs)
The STW81200 VCO section consists of three separate low-noise VCOs with different LC
Tanks structures to cover a wide band from 3000 MHz to 6000 MHz.
Each VCO is implemented using a structure with multiple sub-bands to keep low the VCO
sensitivity (Kvco), thus resulting in low phase noise and spurs performances.
The correct VCO and sub-band selection is automatically performed by dedicated digital
circuitry (clocked by the PFD) at every new frequency programming. The VCO calibration
starts when the ST0 Register is written.
During the selection procedure the VCTRL of the VCO is charged to a fixed reference
voltage.
Table 8. Current value vs. selection
CPSEL4
CPSEL3
CPSEL2
CPSEL1
CPSEL0
Current
Value
000
00
-
0
000
01
IMIN
158 µA
000
10
2*IMIN
316 µA
--
--
-
-
-
--
--
-
-
-
111
01
29*IMIN
4.58 mA
111
10
30*IMIN
4.74 mA
111
11
31*IMIN
4.9 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com