Electronic Components Datasheet Search
  English  ▼

X  

STW81200T Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 27Page - STMicroelectronics STW81200T Datasheet HTML 28Page - STMicroelectronics STW81200T Datasheet HTML 29Page - STMicroelectronics STW81200T Datasheet HTML 30Page - STMicroelectronics STW81200T Datasheet HTML 31Page - STMicroelectronics STW81200T Datasheet HTML 32Page - STMicroelectronics STW81200T Datasheet HTML 33Page - STMicroelectronics STW81200T Datasheet HTML 34Page - STMicroelectronics STW81200T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DocID025943 Rev 7
31/58
STW81200
Circuit description
57
7.11
Low-power functional modes
All the performance characteristics defined in the electrical specifications are achieved in full
current mode. The STW81200 is able to provide a set of low power functional modes which
allows control of the current consumption of the different blocks.
This feature can be helpful for those applications requiring low power consumption. The
power saving modes trade the current consumption with the phase noise performance,
and/or output level.
The current of the blocks defined in Table 9 can be set by software, and the power saved on
each block affect a specific performance as described in the same table.
7.12
LDO voltage regulators
Low drop-out (LDO) voltage regulators are integrated to provide the synthesizer with stable
supply voltages against input voltage, load and temperature variations. Five regulators are
included to ensure proper isolation among circuit blocks. These regulators are listed below
along with the target specifications for the regulated output voltage and current capability:
•
LDO_DIG (to supply the digital circuitry),
Vreg = 2.6 V, Imax = 50 mA, Vin Range: 3.0 to 5.4 V
•
LDO_REF (to supply the PLL),
Vreg = 2.6 V, Imax = 50 mA, Vin Range: 3.0 to 5.4 V
•
LDO_RF (to supply the rf blocks),
Vreg = 2.6 V, Imax = 100 mA, Vin Range: 3.0 to 5.4 V
•
LDO_VCO (to supply the low-voltage VCO sub-blocks):
Vreg = 2.6 V, Imax = 100 mA, Vin Range: 3.0 to 5.4 V
•
LDO_4V5 (to supply high-voltage sub-blocks):
Vreg = 4.5 V, 3.3 V and 2.6 V programmable, Imax = 150 mA
Vin Range: 3.0 to 5.4 V (when Vreg=2.6 V)
Vin Range: 3.6 to 5.4 V (when Vreg=3.3 V)
Vin Range: 5.0 to 5.4 V (when Vreg=4.5 V)
Proper stability and frequency response are achieved by adopting 10 µF load capacitors at
the regulated output pins. The optimal configuration is achieved by connecting a small
resistor in series with the capacitor in order to guarantee the controlled ESR required to
ensure the proper phase margin, together with the best performance in terms of noise and
PSRR. For a complete view of required connections and component values associated with
the LDO output pins, see the related PCB schematics section available from the STW81200
product page on the ST website.
Table 9. Blocks with programmable current and related performance
Block
Current Control bits
Affected Performance
VCO Core
ST4 Register bits[18:15]
VCO phase noise (offset >PLL_BW)
VCO Buffers and mux ST5 Register bits[12:11]
Phase Noise Floor (offset > ~10 MHz)
RF Dividers Core
ST5 Register bits [10:4]
Phase Noise Floor (offset > ~10 MHz)
RF output stage
ST4 Register bits [25:23]
RF output level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com