Electronic Components Datasheet Search
  English  ▼

X  

TDA7492E Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7492E Datasheet HTML 2Page - STMicroelectronics TDA7492E Datasheet HTML 3Page - STMicroelectronics TDA7492E Datasheet HTML 4Page - STMicroelectronics TDA7492E Datasheet HTML 5Page - STMicroelectronics TDA7492E Datasheet HTML 6Page - STMicroelectronics TDA7492E Datasheet HTML 7Page - STMicroelectronics TDA7492E Datasheet HTML 8Page - STMicroelectronics TDA7492E Datasheet HTML 9Page - STMicroelectronics TDA7492E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Pin description
TDA7492E
6/24
DocID027638 Rev 1
2
Pin description
2.1
Pinout
Figure 2: Pin connections (top view, PCB view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
28
29
30
31
32
33
34
35
36
19
20
21
22
23
24
25
26
27
VSS
SUB GN D
OUTPB
OUTPB
PGNDB
PGNDB
PV CCB
PV CCB
OUTNB
OUTNB
OUTNA
OUTNA
PV CCA
PV CCA
PGNDA
PGNDA
OUTPA
OUTPA
PGN D
VD DPW
STBY
MUTE
IN PA
IN NA
ROSC
SYNCLK
VD DS
SGND
DIAG
SVR
PLIMIT
GAIN
IN PB
IN NB
VR EF
SVCC
E P
e xpo sed pa d u p
Con ne ct to g ro un d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com