Electronic Components Datasheet Search
  English  ▼

X  

TDA7492E Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7492E
Description  79 W 79 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492E Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7492E Datasheet HTML 1Page - STMicroelectronics TDA7492E Datasheet HTML 2Page - STMicroelectronics TDA7492E Datasheet HTML 3Page - STMicroelectronics TDA7492E Datasheet HTML 4Page - STMicroelectronics TDA7492E Datasheet HTML 5Page - STMicroelectronics TDA7492E Datasheet HTML 6Page - STMicroelectronics TDA7492E Datasheet HTML 7Page - STMicroelectronics TDA7492E Datasheet HTML 8Page - STMicroelectronics TDA7492E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TDA7492E
List of tables
DocID027638 Rev 1
3/24
List of tables
Table 1: Device summary ...........................................................................................................................1
Table 2: Pin description list .........................................................................................................................7
Table 3: Absolute maximum ratings ...........................................................................................................8
Table 4: Thermal data.................................................................................................................................8
Table 5: Electrical specifications.................................................................................................................9
Table 6: Stereo BTL application ...............................................................................................................10
Table 7: Stereo BTL (mono) application ...................................................................................................10
Table 8: Gain settings ...............................................................................................................................11
Table 9: Overcurrent protection ................................................................................................................11
Table 10: Overcurrent protection (mute mode) ........................................................................................12
Table 11: Max effective voltage of PLIMIT pin vs. power supply and load...............................................13
Table 12: Mode settings............................................................................................................................13
Table 13: PowerSSO-36 EPU package mechanical data ........................................................................22
Table 14: Document revision history ........................................................................................................23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com