Electronic Components Datasheet Search
  English  ▼

X  

EPC100 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC100
Description  CMOS integrated circuit for light-curtain applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC100_17 Datasheet HTML 9Page - Espros Photonics corp EPC100_17 Datasheet HTML 10Page - Espros Photonics corp EPC100_17 Datasheet HTML 11Page - Espros Photonics corp EPC100_17 Datasheet HTML 12Page - Espros Photonics corp EPC100_17 Datasheet HTML 13Page - Espros Photonics corp EPC100_17 Datasheet HTML 14Page - Espros Photonics corp EPC100_17 Datasheet HTML 15Page - Espros Photonics corp EPC100_17 Datasheet HTML 16Page - Espros Photonics corp EPC100_17 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Manual epc10x
4.1 Receiver Parameters (epc100)
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
0
16
0
This bit will automatically be set when register 16 is programmed.
0 Values
0 Register 16 is not programmed
1 Register 16 is programmed
n/a
0
16
5..1
no function, must be set to “0”
TSTMP
0
16
8..6
Time stamp.
8
7
6
Values
Default
Recommended Setting
0
0
0
30μs
X
This parameter should be set to the same length as the receive window length,
given by the scanning time by the microcontroller. I.e., if the time between the
SCAN commands issued by the micro processor is 60μs, this parameter should be
set to 60μs.
0
0
1
60μs
0
1
0
90μs
0
1
1
120μs
1
0
0
150μs
1
0
1
180μs
1
1
0
210μs
1
1
1
240μs
DRATE
0
16
10..9
Data rate on the 2-wire bus
10
9
Values
k
Default Recommended Setting
0
0
250 kbit/s
8
X
if the physical 2-wire bus length is up to 100 meters
0
1
500 kbit/s
4
1
0
1 Mbit/s
2
1
1
2 Mbit/s
1
if the physical 2-wire bus length is less than 3 meters
SOFF
0
16
11
Status of voltage regulator for internal VDD
11 Values
Default Recommended Setting
0
On
X
when used as a receiver
1
Off
when used as interface chip with 3.3V microcontroller
MODE
0
16
14..12
no function, must be set to “0”
VMODE
0
16
15
volatile mode
11 Values Default Recommended Setting
0
On
X
This setting allows to overwrite the RAM contents, which is useful during debugging. Once the
system is fully developed, this parameter should be set to “1”. This setting could also be useful, if
the system parameters should be changed “on the fly” in dynamic systems. it is recommended to
program the address and burn it into the ROM first. All other parameters can then be downloaded
upon power-up.
1
Off
Set to “1” in the final product to avoid accidentally overwriting of the contents of the RAM registers.
Table 3: epc100 Registers 0 and 16
© 2013 ESPROS Photonics Corporation
Characteristics subject to change without notice
Page 13/29
Manual epc100 - V2.3-DRAFT 130812
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com