Electronic Components Datasheet Search
  English  ▼

X  

EPC100 Datasheet(PDF) 14 Page - Espros Photonics corp

Part # EPC100
Description  CMOS integrated circuit for light-curtain applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC100 Datasheet(HTML) 14 Page - Espros Photonics corp

Back Button EPC100_17 Datasheet HTML 10Page - Espros Photonics corp EPC100_17 Datasheet HTML 11Page - Espros Photonics corp EPC100_17 Datasheet HTML 12Page - Espros Photonics corp EPC100_17 Datasheet HTML 13Page - Espros Photonics corp EPC100_17 Datasheet HTML 14Page - Espros Photonics corp EPC100_17 Datasheet HTML 15Page - Espros Photonics corp EPC100_17 Datasheet HTML 16Page - Espros Photonics corp EPC100_17 Datasheet HTML 17Page - Espros Photonics corp EPC100_17 Datasheet HTML 18Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Manual epc10x
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
1
17
0
This bit will automatically be set when register 17 is programmed.
0 Values
0 Register 17 is not programmed
1 Register 17 is programmed
TPER
1
17
15..13
must be set to “010”
15
14
13
0
1
0
Table 4: epc100 Registers 1 and 17
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
2
18
0
This bit will automatically be set when register 18 is programmed.
0 Values
0 Register 18 is not programmed
1 Register 18 is programmed
SENSN
2
18
3..1
Lower threshold setting of the receiver input (sensitivity).
3
2
1
Values Default Recommended Comments
0
0
0
24nA
X
A lower value increases the sensitivity. A too sensitive setting leads to
false readings because of shot noise of the receiver photodiode and the
internal amplifier (typ. input noise level is 7nA RMS without photodiode).
Also induced EMI can lead to false readings if the sensitivity is set too
low. The EMI sensitivity is heavily depending on the system architecture
and the electromechanical design. The better the shielding of the chip
and the photodiode and the better the PCB layout, the better the EMI
immunity. The tolerance of the threshold is approx. ±25%.
0
0
1
36nA
0
1
0
48nA
0
1
1
60nA
X
1
0
0
72nA
1
0
1
84nA
1
1
0
96nA
1
1
1
108nA
SENSH
2
18
6..4
Upper threshold setting of the receiver input (light reserve level). The tolerance of the threshold is
approx. ±25%.
6
5
4
Values
Default
Recommended Setting
0
0
0
60nA
X
Set this value 50% above
the value set at SENSN,
i.e., if SENSN is set to
48nA, set SENSH to
72nA.
0
0
1
72nA
0
1
0
84nA
0
1
1
96nA
1
0
0
108nA
1
0
1
120nA
1
1
0
132nA
1
1
1
144nA
SLOW
2
18
7
no function, must be set to “1”
IVCOFF
2
18
8
no function, must be set to “0”
SENS
2
18
9
must be set to “1”
n/a
2
18
12..10
no function, must be set to “0”
TSET
2
18
15..13
Settling time delay from inactive to active mode.
15 14
13
Values
Default
Comments
0
0
0
0
X
If TSCAN >=60μs
0
0
1
1
If TSCAN <60μs
Table 5: epc100 Registers 2 and 18
© 2013 ESPROS Photonics Corporation
Characteristics subject to change without notice
Page 14/29
Manual epc100 - V2.3-DRAFT 130812
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com