Electronic Components Datasheet Search
  English  ▼

X  

FS6209 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS6209
Description  DUAL PLL VCXO CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6209 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS6209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6209 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
XT
February 1999
5
2.4.99
3UHOLPLQDU\ ,QIRUPDWLRQ
)6
'XDO3// 9&;2&ORFN *HQHUDWRU,&
,62
5.0
Package Information
Table 7: 8-pin SOIC (0.150") Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.189
0.196
4.80
4.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Θ
0
°
8
°
0
°
8
°
B
D
A
1
SEATING
PLANE
H
E
8
1
ALL RADII:
0.005" TO 0.01"
BASE
PLANE
A
2
e
ÅÉ"ÇÅÃÇ"#)#$É#ˆÃDŽ
A
R
C
L
θ
7° typ.
h x 45°
Table 8: 8-pin SOIC (0.150") Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
8-pin 0.150” SOIC
Θ
JA
Air flow = 0 m/s
110
°C/W
Corner lead
2.0
Lead Inductance, Self
L11
Center lead
1.6
nH
Lead Inductance, Mutual
L12
Any lead to any adjacent lead
0.4
nH
Lead Capacitance, Bulk
C11
Any lead to VSS
0.27
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com