Electronic Components Datasheet Search
  English  ▼

X  

L5973AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
L5973AD
5
APPLICATION IDEAS
Figure 14. Positive Buck-Boost regulator
Figure 15. Buck-Boost regulator
Figure 16. Dual output voltage with auxiliary winding
Refer to L5973AD application note (AN1723) to have additional information, details, and more application
ideas.
L5973AD belongs to L597x family.
Related part numbers are:
L5970D: 1.5A (Isw), 250KHz Step Down DC-DC Converter in SO8
L5972D: 2A (Isw), 250KHz Step Down DC-DC Converter in SO8
L5973D: 2.5A (Isw), 250KHz Step Down DC-DC Converter in HSOP8
In case higher current is needed, the nearest DC-DC Converter family is L497x.
VIN=5V
C1
10uF
10V
Ceramic
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
INH
SYNC
VREF
L5973AD
1
3
7
5
6
4
8
2
R3
4.7k
L1
15uH
24k
2.7k
C3
22nF
3.3V
C4
100uF
16V
VOUT=12V/0.6A
C2
220pF
D2
STPS2L25U
M1
STN4NE03L
D03IN1455
8
4
5
1
7
L5973AD
C1
10
µF
10V
CERAMIC
C2
10
µF
25V
CERAMIC
C5
100
µF
16V
VOUT=-12V/
0.6A
VIN = 5V
2.7K
24K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF
D03IN1456
8
4
5
1
7
L5973AD
C1
10
µF
25V
CERAMIC
C5
47
µF
10V
C4
100
µF
10V
VOUT=3.3V/
0.5A
VOUT1=5V/
50mA
VIN = 5V
R3
4.7K
C3
22nF
C2
220pF
3
Lp 22
µH
N1/N2=2
D1
STPS25L25U
D2
1N4148
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com