Electronic Components Datasheet Search
  English  ▼

X  

L5973AD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5973AD
Description  2A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973AD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5973AD Datasheet HTML 6Page - STMicroelectronics L5973AD Datasheet HTML 7Page - STMicroelectronics L5973AD Datasheet HTML 8Page - STMicroelectronics L5973AD Datasheet HTML 9Page - STMicroelectronics L5973AD Datasheet HTML 10Page - STMicroelectronics L5973AD Datasheet HTML 11Page - STMicroelectronics L5973AD Datasheet HTML 12Page - STMicroelectronics L5973AD Datasheet HTML 13Page - STMicroelectronics L5973AD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
L5973AD
12/14
6
PACKAGE INFORMATION
Figure 17. HSOP8 (Exposed Pad) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.350
1.750
0.531
0.069
0.100
0.250
0.004
0.010
1.100
1.650
0.043
0.065
0.330
0.510
0.013
0.020
0.190
0.250
0.07
0.010
4.800
5.000
0.189
0.197
3.800
4.000
0.150
0.157
1.270
0.05
5.800
6.200
0.228
0.244
0.250
0.500
0.010
0.020
0.400
1.270
0.016
0.05
k
0˚ (min), 8˚ (max)
ddd
0.100
0.010
(1) Dimension D does not include mold flash, protusions
or gate burrs shall not exeed 0.15mm (both side).
HSOP8
7195016
(Exposed Pad)
A1
A2
B
C
D
E
e
H
h
L
Exposed Pad:
D1 = 3.1mm
E1 = 2.41mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com