Electronic Components Datasheet Search
  English  ▼

X  

LM4912 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4912
Description  Stereo 40mW Low Noise Headphone Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4912 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4912 Datasheet HTML 1Page - National Semiconductor (TI) LM4912 Datasheet HTML 2Page - National Semiconductor (TI) LM4912 Datasheet HTML 3Page - National Semiconductor (TI) LM4912 Datasheet HTML 4Page - National Semiconductor (TI) LM4912 Datasheet HTML 5Page - National Semiconductor (TI) LM4912 Datasheet HTML 6Page - National Semiconductor (TI) LM4912 Datasheet HTML 7Page - National Semiconductor (TI) LM4912 Datasheet HTML 8Page - National Semiconductor (TI) LM4912 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM4912
Stereo 40mW Low Noise Headphone Amplifier
General Description
The LM4912 is an stereo audio power amplifier capable of
delivering 40mW per channel of continuous average power
into a 16
Ω load or 25mW per channel into a 32Ω load at 1%
THD form a 3V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4912 does not require
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The LM4912 features a low-power consumption shutdown
mode and a power mute mode that allows for faster turn on
time with less than 1mV voltage change at outputs on re-
lease. Additionally, the LM4912 features an internal thermal
shutdown protection mechanism.
The LM4912 is unity gain stable and may be configured with
external gain-setting resistors.
Key Specifications
n
PSRR at 217 Hz and 1kHz
65dB (typ)
n
Output Power at 1kHz with V
DD = 2.4V, 1% THD+N into
a16
Ω load
25mW (typ)
n
Output Power at 1kHz with V
DD = 3V, 1% THD+N into a
16
Ω load
40mW (typ)
n
Shutdown Current
1.0µA (max)
n
Output Voltage change on release from Shutdown
V
DD = 2.4V, RL =16
Ω
1mV (max)
n
Output Noise, 20Hz to 20kHz, A-weighted
10µV (typ)
Features
n
External gain-setting capability
n
Available in space-saving MSOP package
n
Ultra low current shutdown mode
n
Mute mode allows fast turn-on (10ms) with less than
1mV change on outputs
n
2.0V - 5.5V operation
n
Ultra low noise
n
Operation at low supply voltages
Applications
n
Portable CD players
n
PDAs
n
Portable electronics devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20048180
FIGURE 1. Typical Capacitive Coupled Output Configuration Circuit
June 2003
© 2003 National Semiconductor Corporation
DS200481
www.national.com


Similar Part No. - LM4912

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49120 TI2-LM49120 Datasheet
911Kb / 29P
LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
REVISED MAY 2013
logo
National Semiconductor ...
LM49120TL NSC-LM49120TL Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120TL/NOPB TI1-LM49120TL/NOPB Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
More results

Similar Description - LM4912

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
Low-voltage stereo headphone amplifier
1997 Jun 27
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com