Electronic Components Datasheet Search
  English  ▼

X  

LOG101 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG101 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  LOG101 Datasheet HTML 1Page - Burr-Brown (TI) LOG101 Datasheet HTML 2Page - Burr-Brown (TI) LOG101 Datasheet HTML 3Page - Burr-Brown (TI) LOG101 Datasheet HTML 4Page - Burr-Brown (TI) LOG101 Datasheet HTML 5Page - Burr-Brown (TI) LOG101 Datasheet HTML 6Page - Burr-Brown (TI) LOG101 Datasheet HTML 7Page - Burr-Brown (TI) LOG101 Datasheet HTML 8Page - Burr-Brown (TI) LOG101 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
LOG101
2
SBOS242B
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
LOG101AID
SO -8
D
–5
°C to +75°C
LOG101
LOG101AID
Rails, 100
"
"""
"
LOG101AIDR
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage .................................................... (V–) – 0.5 to (V+) + 0.5V
Input Current ...................................................................................
±10mA
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................... –40
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Short-circuit to ground.
PACKAGE/ORDERING INFORMATION(1)
PIN DESCRIPTION
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –5°C to +75°C.
At TA = +25°C, VS = ±5V, and ROUT = 10kΩ, unless otherwise noted.
Top View
SO
I
2
NC
GND
V–
NC = No Internal Connection
LOG101
I
1
NC
V
OUT
V+
8
7
6
5
1
2
3
4
LOG101AID
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
CORE LOG FUNCTION
IIN /VOUT Equation
VO = (1V) • log (I1/I2)V
LOG CONFORMITY ERROR(1)
Initial
1nA to 100
µA (5 decades)
0.01
0.2
%
100pA to 3.5mA (7.5 decades)
0.06
%
over Temperature
1nA to 100
µA (5 decades)
0.0001
%/
°C
100pA to 3.5mA (7.5 decades)(2)
0.0005
%/
°C
GAIN(3)
Initial Value
1nA to 100
µA
1
V/decade
Gain Error
1nA to 100
µA
0.15
±1%
vs Temperature
TMIN to TMAX
0.003
0.01
%/
°C
INPUT, A1 and A2
Offset Voltage
±0.3
±1.5
mV
vs Temperature
TMIN to TMAX
±2
µV/
°C
vs Power Supply (PSRR)
VS = ±4.5V to ±18V
5
50
µV/V
Input Bias Current
±5pA
vs Temperature
TMIN to TMAX
Doubles Every 10
°C
Voltage Noise
f = 10Hz to 10kHz
3
µVrms
f = 1kHz
30
nV/
√Hz
Current Noise
f = 1kHz
4
fA/
√Hz
Common-Mode Voltage Range (Positive)
(V+) – 2
(V+) – 1.5
V
(Negative)
(V–) + 2
(V–) + 1.2
V
Common-Mode Rejection Ratio (CMRR)
105
dB
OUTPUT, A2 (VOUT)
Output Offset, VOSO, Initial
±3
±15
mV
vs Temperature
TMIN to TMAX
±2
µV/°C
Full-Scale Output (FSO)
VS = ±5V
(V–) + 1.2
(V+) – 1.5
V
Short-Circuit Current
±18
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com