Electronic Components Datasheet Search
  English  ▼

X  

LOG101 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG101
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG101 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  LOG101 Datasheet HTML 1Page - Burr-Brown (TI) LOG101 Datasheet HTML 2Page - Burr-Brown (TI) LOG101 Datasheet HTML 3Page - Burr-Brown (TI) LOG101 Datasheet HTML 4Page - Burr-Brown (TI) LOG101 Datasheet HTML 5Page - Burr-Brown (TI) LOG101 Datasheet HTML 6Page - Burr-Brown (TI) LOG101 Datasheet HTML 7Page - Burr-Brown (TI) LOG101 Datasheet HTML 8Page - Burr-Brown (TI) LOG101 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
q EASY-TO-USE COMPLETE CORE FUNCTION
q HIGH ACCURACY: 0.01% FSO Over 5 Decades
q WIDE INPUT DYNAMIC RANGE:
7.5 Decades, 100pA to 3.5mA
q LOW QUIESCENT CURRENT: 1mA
q WIDE SUPPLY RANGE:
±4.5V to ±18V
Precision
LOGARITHMIC AND LOG RATIO AMPLIFIER
DESCRIPTION
The LOG101 is a versatile integrated circuit that computes
the logarithm or log ratio of an input current relative to a
reference current.
The LOG101 is tested over a wide dynamic range of input
signals. In log ratio applications, a signal current can come
from a photodiode, and a reference current from a resistor in
series with a precision external reference.
The output signal at VOUT is trimmed to 1V per decade of input
current allowing seven decades of input current dynamic
range.
Low DC offset voltage and temperature drift allow accurate
measurement of low-level signals over a wide environmental
temperature range. The LOG101 is specified over the tem-
perature range –5
°C to +75°C, with operation over
–40
°C to +85°C.
APPLICATIONS
q LOG, LOG RATIO COMPUTATION:
Communication, Analytical, Medical, Industrial,
Test, and General Instrumentation
q PHOTODIODE SIGNAL COMPRESSION AMPS
q ANALOG SIGNAL COMPRESSION IN FRONT
OF ANALOG-TO-DIGITAL (A/D) CONVERTERS
LOG101
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2004, Texas Instruments Incorporated
SBOS242B – MAY 2002 – REVISED JUNE 2004
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Note: Protected under US Patent #6,667,650; other patents pending.
A
2
A
1
1
5
8
4
6
3
Q
1
Q
2
C
C
I
2
I
1
R
1
R
2
V–
V
OUT
V+
GND
LOG101
V
OUT = (1V) • LOG (I1/I2)
LOG1
01
All trademarks are the property of their respective owners.


Similar Part No. - LOG101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG101 TI-LOG101 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG101 TI2-LOG101 Datasheet
509Kb / 19P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
REVISED JUNE 2004
logo
Burr-Brown (TI)
LOG101AID BURR-BROWN-LOG101AID Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AID TI-LOG101AID Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG101AID TI2-LOG101AID Datasheet
509Kb / 19P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
REVISED JUNE 2004
More results

Similar Description - LOG101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG112AIDE4 TI-LOG112AIDE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com