Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 1 Page - Linear Technology

  LT1797 Datasheet HTML 1Page - Linear Technology LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1797
s
Rail-to-Rail Input and Output
s
Small SOT-23 Package
s
Gain Bandwidth Product: 10MHz
s
–40
°C to 85°C Operation
s
Slew Rate: 2.25V/
µs
s
Low Input Offset Voltage: 1.5mV Max
s
High Output Current: 25mA Min
s
Specified on 3V, 5V and
±5V Supplies
s
High Voltage Gain: 1000V/mV 10k Load
s
High CMRR: 88dB Min
s
High PSRR: 80dB Min
s
Input Bias Current: 300nA Max
s
Input Offset Current: 25nA Max
The LT
®1797 is a unity-gain stable 10MHz op amp avail-
able in the small SOT-23 package that operates on all
single and split supplies with a total voltage of 2.7V to 12V.
The amplifier draws 1mA of quiescent current and has a
slew rate of 2.25V/
µs.
The input common mode range of the LT1797 includes
both rails, making it ideal for current sensing applications.
The input stage incorporates phase reversal protection to
prevent false outputs from occurring when the inputs are
driven beyond the supplies. Protective resistors are in-
cluded in the input leads so that current does not become
excessive when the inputs are forced above or below the
supplies.
The output of the LT1797 can swing to within 50mV of V +
and 8mV of V – without drawing excess current in either
condition. The amplifier can drive loads up to 25mA and
still maintain rail-to-rail capability.
The LT1797 op amp is available in the space saving 5-lead
SOT-23 package.
s
Portable Instrumentation
s
Rail-to-Rail Buffer Amplifiers
s
Low Voltage Signal Processing
s
Driving A/D Converters
s
Battery-Powered Systems
10MHz, Rail-to-Rail
Input and Output
Op Amp in SOT-23
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1797
0.1
µF
R1 REDUCES Q1 DISSIPATION
Q1
FMMT493
0.003
Ω
1% 3W
BZX84C6V8
VZ = 6.8V
–48V SUPPLY
(–42V TO –56V)
3.3k
0805
×3
30.1
Ω
1%
ISENSE
+
–
R1
4.7k
VS = 3V
1k
1%
VOUT = 3V – 0.1Ω • ISENSE
ISENSE = 0A TO 30A
ACCURACY
≈ 3%
–48V LOAD
1797 TA01
SETTLES TO 1% IN 2
µs,
1V OUTPUT STEP
VOUT
Fast Compact – 48V Current Sense
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION


Similar Part No. - LT1797

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Analog Devices
LT1797 AD-LT1797 Datasheet
764Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
1797fc
logo
Linear Technology
LT1797CS5-PBF LINER-LT1797CS5-PBF Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797CS5-TRPBF LINER-LT1797CS5-TRPBF Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1797

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com