Electronic Components Datasheet Search
  English  ▼

X  

LT1797 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 2 Page - Linear Technology

  LT1797 Datasheet HTML 1Page - Linear Technology LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1797
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1
1.5
mV
0
°C ≤ TA ≤ 70°C
q
2.5
mV
–40
°C ≤ TA ≤ 85°C
q
3.0
mV
Input Offset Voltage Drift (Note 4)
q
520
µV/°C
IB
Input Bias Current
VCM = V
–
q
–300
–150
nA
VCM = V +
q
50
100
nA
Input Bias Current Drift
q
0.1
nA/
°C
IOS
Input Offset Current
VCM = V
–
q
10
25
nA
VCM = V +
q
10
25
nA
Input Noise Voltage
0.1Hz to 10Hz
1.5
µVP-P
en
Input Noise Voltage Density
f = 10kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.23
pA /
√Hz
f = 10kHz, VCM = VCC – 0.3V
0.15
pA /
√Hz
RIN
Input Resistance
Differential
200
330
k
Ω
Common Mode, VCM = 0V to VS – 1.2V
100
M
Ω
CIN
Input Capacitance
4pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to VS – 1.2V
q
88
96
dB
VCM = 0V to VS
q
64
72
dB
Input Voltage Range
q
0VS
V
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 0.5V to 2.5V, RL = 10k
200
1000
V/mV
q
150
V/mV
VS = 5V, VO = 0.5V to 4.5V, RL = 10k
400
1000
V/mV
q
300
V/mV
TJMAX = 150°C, θJA = 250°C/ W
(Note 1)
Total Supply Voltage (V+ to V–) ........................... 12.6V
Input Differential Voltage ..................................... 12.6V
Input Current .....................................................
±10mA
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range
(Note 3) ............................................. – 40
°C to 85°C
Specified Temperature Range ................. –40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Consult factory for parts specified with wider operating temperature ranges.
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, pulse power tested, unless otherwise specified. (Note 3)
4
5
3
1
OUT
V–
+IN
V
+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
2
+ –
LT1797CS5
LT1797IS5
ORDER PART
NUMBER
S5 PART MARKING
LTLM
LTTL
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com