Electronic Components Datasheet Search
  English  ▼

X  

LTC1403 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1403
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403 Datasheet(HTML) 3 Page - Linear Technology

  LTC1403 Datasheet HTML 1Page - Linear Technology LTC1403 Datasheet HTML 2Page - Linear Technology LTC1403 Datasheet HTML 3Page - Linear Technology LTC1403 Datasheet HTML 4Page - Linear Technology LTC1403 Datasheet HTML 5Page - Linear Technology LTC1403 Datasheet HTML 6Page - Linear Technology LTC1403 Datasheet HTML 7Page - Linear Technology LTC1403 Datasheet HTML 8Page - Linear Technology LTC1403 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1403/LTC1403A
1403af
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 3V
LTC1403
LTC1403A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SINAD
Signal-to-Noise Plus
100kHz Input Signal
70.5
73.5
dB
Distortion Ratio
1.4MHz Input Signal
q
68
70.5
70
73.5
dB
100kHz Input Signal, External VREF = 3.3V,
72
76.3
dB
VDD ≥ 3.3V
750kHz Input Signal, External VREF = 3.3V,
72
76.3
dB
VDD ≥ 3.3V
THD
Total Harmonic
100kHz First 5 Harmonics
–87
–90
dB
Distortion
1.4MHz First 5 Harmonics
q
–83
–76
–86
–78
dB
SFDR
Spurious Free
100kHz Input Signal
–87
–90
dB
Dynamic Range
1.4MHz Input Signal
–83
–86
dB
IMD
Intermodulation
1.25V to 2.5V 1.25MHz into AIN+, 0V to 1.25V,
–82
–82
dB
Distortion
1.2MHz into AIN–
Code-to-Code
VREF = 2.5V (Note 18)
0.25
1
LSBRMS
Transition Noise
Full Power Bandwidth
VIN = 2.5VP-P, SDO = 11585LSBP-P (Note 15)
50
50
MHz
Full Linear Bandwidth
S/(N + D)
≥ 68dB
5
5
MHz
The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.5
V
VREF Output Tempco
15
ppm/
°C
VREF Line Regulation
VDD = 2.7V to 3.6V, VREF = 2.5V
600
µV/V
VREF Output Resistance
Load Current = 0.5mA
0.2
Ω
VREF Settling Time
2ms
The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 3.3V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 2.7V
q
0.6
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 3V, IOUT = – 200µA
q
2.5
2.9
V
VOL
Low Level Output Voltage
VDD = 2.7V, IOUT = 160µA
0.05
V
VDD = 2.7V, IOUT = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage DOUT
VOUT = 0V to VDD
q
±10
µA
COZ
Hi-Z Output Capacitance DOUT
1pF
ISOURCE
Output Short-Circuit Source Current
VOUT = 0V, VDD = 3V
20
mA
ISINK
Output Short-Circuit Sink Current
VOUT = VDD = 3V
15
mA
DY A IC ACCURACY
I TER AL REFERE CE CHARACTERISTICS
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com