Electronic Components Datasheet Search
  English  ▼

X  

LTC1403 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1403
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403 Datasheet(HTML) 5 Page - Linear Technology

  LTC1403 Datasheet HTML 1Page - Linear Technology LTC1403 Datasheet HTML 2Page - Linear Technology LTC1403 Datasheet HTML 3Page - Linear Technology LTC1403 Datasheet HTML 4Page - Linear Technology LTC1403 Datasheet HTML 5Page - Linear Technology LTC1403 Datasheet HTML 6Page - Linear Technology LTC1403 Datasheet HTML 7Page - Linear Technology LTC1403 Datasheet HTML 8Page - Linear Technology LTC1403 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1403/LTC1403A
1403af
ENOBs and SINAD
vs Input Frequency
SFDR vs Input Frequency
TA = 25°C, VDD = 3V (LTC1403A)
THD, 2nd and 3rd vs Input
Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
1.3MHz Sine Wave 4096 Point
FFT Plot
1.4MHz Input Summed with
1.56MHz Input IMD 4096 Point
FFT Plot
98kHz Sine Wave 4096 Point
FFT Plot
FREQUENCY (MHz)
0.1
10.0
11.0
12.0
1
10
100
1403A G01
9.0
9.5
10.5
11.5
8.5
8.0
62
68
74
56
59
65
71
53
50
FREQUENCY (MHz)
0.1
–80
–74
–68
–62
–56
1
10
100
1403A G02
–86
–92
–98
–104
–50
–44
THD
3rd
2nd
FREQUENCY (Hz)
0
350k
700k
1.05M
1.4M
1403A G04
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2.8Msps
FREQUENCY (Hz)
1403A G05
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
350k
700k
1.05M
1.4M
2.8Msps
FREQUENCY (Hz)
1403A G06
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
350k
700k
1.05M
1.4M
2.8Msps
Differential Linearity
vs Output Code
Integral Linearity
vs Output Code
OUTPUT CODE
0
8192
4096
12288
16383
1403A G13
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
OUTPUT CODE
0
8192
4096
12288
16383
1403A G14
4
3
2
1
0
–1
–2
–3
–4
SNR vs Input Frequency
FREQUENCY (MHz)
0.1
62
56
50
1
10
100
1403A G03
68
65
59
53
71
74
FREQUENCY (MHz)
0.1
68
56
44
1
10
100
1403A G17
80
74
62
50
86
92
98
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com