Electronic Components Datasheet Search
  English  ▼

X  

LTC1751 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1751
Description  Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1751 Datasheet(HTML) 4 Page - Linear Technology

  LTC1751 Datasheet HTML 1Page - Linear Technology LTC1751 Datasheet HTML 2Page - Linear Technology LTC1751 Datasheet HTML 3Page - Linear Technology LTC1751 Datasheet HTML 4Page - Linear Technology LTC1751 Datasheet HTML 5Page - Linear Technology LTC1751 Datasheet HTML 6Page - Linear Technology LTC1751 Datasheet HTML 7Page - Linear Technology LTC1751 Datasheet HTML 8Page - Linear Technology LTC1751 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1751/LTC1751-3.3/LTC1751-5
TYPICAL PERFOR A CE CHARACTERISTICS
Power Efficiency vs Load Current
Short-Circuit Output Current
vs Input Voltage
LOAD CURRENT (mA)
0.001
40
50
60
70
80
0.01
0.1
1
10
100
1751 G04
30
20
10
0
90
100
VIN = 2.75V
VIN = 2V
VIN = 4.4V
VIN = 3.3V
TA = 25°C
CFLY = 1µF
COUT = 10µF
INPUT VOLTAGE (V)
2.0
150
200
4.0
1751 G05
100
50
2.5
3.0
3.5
4.5
250
TA = 25°C
CFLY = 1µF
Start-Up
CSS = 10nF
2ms/DIV
1751 G06
SHDN
2V/DIV
PGOOD
5V/DIV
VOUT
1V/DIV
Output Ripple
VIN = 2.5V
5
µs/DIV
1751 G07
IOUT = 80mA
COUT = 10µF
VOUT
AC COUPLED
50mV/DIV
Load Transient Response
VIN = 2.5V
50
µs/DIV
1751 G08
VOUT
AC COUPLED
50mV/DIV
IOUT
40mA/DIV
(LTC1751-3.3)
(LTC1751-5)
OUTPUT CURRENT (mA)
0
5.0
5.1
200
1751 G09
4.9
4.8
50
100
150
VIN = 3V
5.2
TA = 25°C
CFLY = 1µF
VIN = 2.7V
Output Voltage vs Output Current
No Load Supply Current
vs Input Voltage
INPUT VOLTAGE (V)
2.5
0
10
20
30
40
3.0
3.5
4.0
4.5
1751 G10
5.0
5.5
CFLY = 1µF
IOUT = 0
VSHDN = VIN
TA = 85°C
TA = 25°C
TA = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com