Electronic Components Datasheet Search
  English  ▼

X  

LTC1751 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1751
Description  Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1751 Datasheet(HTML) 5 Page - Linear Technology

  LTC1751 Datasheet HTML 1Page - Linear Technology LTC1751 Datasheet HTML 2Page - Linear Technology LTC1751 Datasheet HTML 3Page - Linear Technology LTC1751 Datasheet HTML 4Page - Linear Technology LTC1751 Datasheet HTML 5Page - Linear Technology LTC1751 Datasheet HTML 6Page - Linear Technology LTC1751 Datasheet HTML 7Page - Linear Technology LTC1751 Datasheet HTML 8Page - Linear Technology LTC1751 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1751/LTC1751-3.3/LTC1751-5
PI FU CTIO S
PGOOD (Pin 1) (LTC1751-3.3/LTC1751-5): Output Volt-
age Status Indicator. On start-up, this open-drain pin re-
mains low until the output voltage, VOUT, is within 4.5%
(typ) of its final value. Once VOUT is valid, PGOOD becomes
high-Z. If, due to a fault condition, VOUT falls7%(typ)below
its correct regulation level, PGOOD pulls low. PGOOD may
be pulled up through an external resistor to any appropri-
ate reference level.
FB (Pin 1) (LTC1751): The voltage on this pin is compared
to the internal reference voltage (1.205V) by the error
comparator to keep the output in regulation. An external
resistor divider is required between VOUT and FB to pro-
gram the output voltage.
VOUT (Pin 2): Regulated Output Voltage. For best perfor-
mance, VOUT should be bypassed with a 6.8µF (min) low
ESR capacitor as close to the pin as possible .
VIN (Pin 3): Input Supply Voltage. VIN should be bypassed
with a 6.8
µF (min) low ESR capacitor.
GND (Pin 4): Ground. Should be tied to a ground plane for
best performance.
C – (Pin 5): Flying Capacitor Negative Terminal.
C+ (PIN 6): Flying Capacitor Positive Terminal.
SHDN (Pin 7): Active Low Shutdown Input. A low on
SHDN disables the device. SHDN must not be allowed to
float.
SS (Pin 8): Soft-Start Programming Pin. A capacitor on SS
programs the start-up time of the charge pump so that
large start-up input current is eliminated.
TYPICAL PERFOR A CE CHARACTERISTICS
Power Efficiency vs Load Current
Short-Circuit Output Current
vs Input Voltage
Start-Up
CSS = 10nF
2ms/DIV
1751 G13
SHDN
2V/DIV
PGOOD
5V/DIV
VOUT
2V/DIV
Output Ripple
VIN = 3V
5
µs/DIV
1751 G14
IOUT = 100mA
COUT = 10µF
VOUT
AC COUPLED
50mV/DIV
Load Transient Response
VIN = 3V
50
µs/DIV
1751 G15
VOUT
AC COUPLED
50mV/DIV
IOUT
50mA/DIV
(LTC1751-5)
LOAD CURRENT (mA)
0.001
40
50
60
70
80
0.01
0.1
1
10
100
1751 G11
30
20
10
0
90
100
VIN = 2.7V
VIN = 4.1V
VIN = 5.5V
TA = 25°C
CFLY = 1µF
COUT = 10µF
INPUT VOLTAGE (V)
2.0
50
100
150
200
250
2.5
3.0
3.5
4.0
1751 G12
4.5
5.0
5.5
TA = 25°C
CFLY = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com