Electronic Components Datasheet Search
  English  ▼

X  

LTC2053 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 2 Page - Linear Technology

  LTC2053 Datasheet HTML 1Page - Linear Technology LTC2053 Datasheet HTML 2Page - Linear Technology LTC2053 Datasheet HTML 3Page - Linear Technology LTC2053 Datasheet HTML 4Page - Linear Technology LTC2053 Datasheet HTML 5Page - Linear Technology LTC2053 Datasheet HTML 6Page - Linear Technology LTC2053 Datasheet HTML 7Page - Linear Technology LTC2053 Datasheet HTML 8Page - Linear Technology LTC2053 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2053
2
2053fa
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
EN
–IN
+IN
V–
V+
OUT
RG
REF
PACKAGE/ORDER I FOR ATIO
Total Supply Voltage (V+ to V–) ............................... 11V
Input Current ......................................................
±10mA
VIN+ – VREF ........................................................ 5.5V
VIN– – VREF ........................................................ 5.5V
Output Short Circuit Duration .......................... Indefinite
ORDER PART NUMBER*
DD PART MARKING
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL INTERNALLY
CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
LAEQ
LTC2053CDD
LTC2053IDD
LTC2053HDD
ABSOLUTE
AXI U
RATI GS
(Note 1)
*The temperature grade (C, I, or H) of the LTC2053 in the DFN package is indicated on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART NUMBER
MS8 PART MARKING
TJMAX = 150°C, θJA = 200°C/W
LTVT
LTJY
LTAFB
LTC2053CMS8
LTC2053IMS8
LTC2053HMS8
1
2
3
4
EN
–IN
+IN
V–
8
7
6
5
V+
OUT
RG
REF
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
Operating Temperature Range
LTC2053C ............................................... 0
°C to 70°C
LTC2053I ............................................ – 40
°C to 85°C
LTC2053H ........................................ – 40
°C to 125°C
Storage Temperature Range
MS8 Package ................................... – 65
°C to 150°C
DD Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, REF = 200mV. Output voltage swing is referenced
to V–. All other specifications reference the OUT pin to the REF pin.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Error
AV = 1
q
0.001
0.01
%
Gain Nonlinearity
AV = 1
q
3
12
ppm
Input Offset Voltage (Note 2)
VCM = 200mV
– 5
±10
µV
Average Input Offset Drift (Note 2)
TA = – 40°C to 85°C
q
±50
nV/
°C
TA = 85°C to 125°C
q
–1
–2.5
µV/°C
Average Input Bias Current (Note 3)
VCM = 1.2V
q
410
nA
Average Input Offset Current (Note 3)
VCM = 1.2V
q
13
nA
Input Noise Voltage
DC to 10Hz
2.5
µVP-P
Common Mode Rejection Ratio
AV = 1, VCM = 0V to 3V, LTC2053C
q
105
113
dB
(Notes 4, 5)
AV = 1, VCM = 0.1V to 2.9V, LTC2053I
q
105
113
dB
AV = 1, VCM = 0V to 3V, LTC2053I
q
95
113
dB
AV = 1, VCM = 0.1V to 2.9V, LTC2053H
q
100
dB
AV = 1, VCM = 0V to 3V, LTC2053H
q
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com