Electronic Components Datasheet Search
  English  ▼

X  

LTC2053 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 5 Page - Linear Technology

  LTC2053 Datasheet HTML 1Page - Linear Technology LTC2053 Datasheet HTML 2Page - Linear Technology LTC2053 Datasheet HTML 3Page - Linear Technology LTC2053 Datasheet HTML 4Page - Linear Technology LTC2053 Datasheet HTML 5Page - Linear Technology LTC2053 Datasheet HTML 6Page - Linear Technology LTC2053 Datasheet HTML 7Page - Linear Technology LTC2053 Datasheet HTML 8Page - Linear Technology LTC2053 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2053
5
2053fa
TYPICAL PERFOR A CE CHARACTERISTICS
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
Input Offset Voltage vs Input
Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
0.5
1.0
1.5
2.0
2053 G01
2.5
3.0
VS = 3V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
0
15
10
5
0
–5
–10
–15
1
23
4
2053 G02
5
VS = 5V
VREF = 0V
TA = 25°C
G = 1000
G = 100
G = 10
G = 1
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G03
5
VS = ±5V
VREF = 0V
TA = 25°C
G=1000
G=10
G=1
G=100
INPUT COMMON MODE VOLTAGE (V)
20
15
10
5
0
–5
–10
–15
–20
2053 G04
0
0.5
1.0
1.5
2.0
2.5
3.0
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 70°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
20
15
10
5
0
–5
–10
–15
–20
1
23
4
2053 G05
5
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
–5
20
15
10
5
0
–5
–10
–15
–20
–3
–1
1
3
2053 G06
5
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = –55°C
TA = 70°C
INPUT COMMON MODE VOLTAGE (V)
60
40
20
0
–20
–40
–60
2053 G07
0
0.5
1.0
1.5
2.0
2.5
3.0
H-GRADE PARTS
VS = 3V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
0
60
40
20
0
–20
–40
–60
2053 G08
0
1
23
4
5
H-GRADE PARTS
VS = 5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5
–3
–1
1
3
2053 G09
5
100
80
60
40
20
0
–20
–40
–60
–80
–100
H-GRADE PARTS
VS = ±5V
VREF = 0V
G = 10
TA = 25°C
TA = 85°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com