Electronic Components Datasheet Search
  English  ▼

X  

LTC3202 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology LTC3202 Datasheet HTML 10Page - Linear Technology LTC3202 Datasheet HTML 11Page - Linear Technology LTC3202 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC3202
3202fa
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC CFLY), internal switch resis-
tances and the nonoverlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the
advantage voltage
1.5VIN – VOUT. This voltage can typically be quite small.
Consider the example of driving white LEDs from a
3.1V supply. If the LED forward voltage is 3.8V and the
0.6V VFB setting is used, the advantage voltage is 3.1V •
1.5V – 3.8V – 0.6V or only 250mV. However if the input
voltage is raised to 3.2V the advantage voltage jumps to
400mV—a 60% improvement in available strength! Note
that a similar improvement in advantage voltage can be
achieved by operating the LTC3202 at a lower voltage
setting such as the 0.4V setting.
VIN, VOUT Capacitor Selection
The style and value of capacitors used with the LTC3202
determine several important parameters such as regulator
control loop stability, output ripple, charge pump strength
and minimum start-up time.
To reduce noise and ripple, it is recommended that low
equivalent series resistance (ESR) ceramic capacitors be
used for both CIN and COUT. Tantalum and aluminum
capacitors are not recommended because of their high ESR.
The value of COUT directly controls the amount of output
ripple for a given load current. Increasing the size of COUT
will reduce the output ripple at the expense of higher
minimum turn-on time and higher start-up current. The
peak-to-peak output ripple is approximately given by the
expression:
V
I
fC
RIPPLEP P
OUT
OSC
OUT
− ≅
3•
Where fOSC is the LTC3202’s oscillator frequency (typi-
cally 1.5MHz) and COUT is the output charge storage
capacitor.
Both the style and value of the output capacitor can
significantly affect the stability of the LTC3202. As shown
in the block diagram, the LTC3202 uses a control loop to
adjust the strength of the charge pump to match the
current required at the output. The error signal of this loop
is stored directly on the output charge storage capacitor.
The charge storage capacitor also serves to form the
dominant pole for the control loop. To prevent ringing or
instability, it is important for the output capacitor to
maintain at least 0.6
µF of capacitance over all conditions.
Likewise, excessive ESR on the output capacitor will tend
to degrade the loop stability of the LTC3202. The closed-
loop output resistance of the LTC3202 is designed to be
0.35
Ω. For a 100mA load current change, the feedback
voltage will change by about 35mV. If the output capacitor
has 0.35
Ω or more of ESR the closed-loop frequency
response will cease to roll-off in a simple one-pole fashion
and poor load transient response or instability could
result. Multilayer ceramic chip capacitors typically have
exceptional ESR performance and combined with a tight
board layout should yield very good stability and load
transient performance.
As the value of COUT controls the amount of output ripple,
the value of CIN controls the amount of ripple present at the
input pin (VIN). The input current to the LTC3202 will be
relatively constant while the charge pump is on either the
input charging phase or the output charging phase but will
drop to zero during the clock nonoverlap times. Since the
nonoverlap time is small (~25ns) these missing “notches”
will result in only a small perturbation on the input power
supply line. Note that a higher ESR capacitor such as
tantalum will have higher input noise due to the input
current change times the ESR. Therefore ceramic capaci-
tors are again recommended for their exceptional ESR
performance.
Further input noise reduction can be achieved by powering
the LTC3202 through a very small series inductor as
shown in Figure 5. A 10nH inductor will reject the fast
current notches, thereby presenting a nearly constant
current load to the input power supply. For economy the
10nH inductor can be fabricated on the PC board with
about 1cm (0.4") of PC board trace.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com