Electronic Components Datasheet Search
  English  ▼

X  

LTC3202 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 1 Page - Linear Technology

  LTC3202 Datasheet HTML 1Page - Linear Technology LTC3202 Datasheet HTML 2Page - Linear Technology LTC3202 Datasheet HTML 3Page - Linear Technology LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3202
3202fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
s
White LED Backlighting
s
Programmable Boost Current Source
s
Low Noise Constant Frequency Operation
s
25% Less Input Current Than Doubler Charge Pump
s
High Output Current: Up To 125mA
s
Small Application Circuit
s
Regulated Output Voltage or Current
s
Automatic Soft-Start
s
VIN Range: 2.7V to 4.5V
s
No Inductors
s
1.5MHz Switching Frequency
s
ICC < 1µA in Shutdown
s
Available in 10-Pin MSOP and 3mm
× 3mm
DFN Packages
Low Noise, High Efficiency
Charge Pump for White LEDs
The LTC
®3202 is a low noise, constant frequency charge
pump DC/DC converter that uses fractional conversion to
increase efficiency in white LED applications. The part can
be used to produce a regulated voltage or current of up to
125mA from a 2.7V to 4.5V input. Low external parts count
(two flying capacitors and two small bypass capacitors at
VIN and VOUT) make the LTC3202 ideally suited for small,
battery-powered applications.
An internal 2-bit DAC allows LED current to be adjusted for
LED brightness control. The LTC3202 also has thermal
shutdown protection and can survive a continuous short-
circuit from VOUT to GND. Built-in soft-start circuitry
prevents excessive inrush current during start-up. High
switching frequency enables the use of small external
capacitors. A low current shutdown feature disconnects
the load from VIN and reduces quiescent current to less
than1
µA.
The LTC3202 is available in the 10-pin MSOP and 3mm
×
3mm DFN packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Programmable White LED Power Supply
3202 TA01
LTC3202
VOUT
FB
GND
C4
1
µF
C1
1
µF
5, 11
3
2
C2–
C2+
C1–
C1+
CURRENT
PROGRAMMING
VIN
3V TO 4.5V
10
4
1
36
Ω
36
Ω
36
Ω
36
Ω
36
Ω
36
Ω
C3
1
µF
C2
1
µF
D0
D1
VIN
8
7
96
C1, C2, C3, C4 = MURATA GRM 39X5R105K6.3 OR TAIYO YUDEN JMK107BJ105MA
0mA TO 125mA
TOTAL CURRENT
VIN
(AC COUPLED)
20mV/DIV
VOUT
(AC COUPLED)
20mV/DIV
500ns/DIV
VIN = 3.6V
CIN = COUT = 1µF
IOUT = 60mA
3202 G09
Input and Output Ripple


Similar Part No. - LTC3202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3202 LINER-LTC3202 Datasheet
1Mb / 16P
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3202 LINER-LTC3202 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
More results

Similar Description - LTC3202

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Taiwan Memory Technolog...
T6313A TMT-T6313A Datasheet
90Kb / 10P
Low Noise, High Efficiency WhiteLED Charge Pump
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Linear Technology
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
Low Noise, High Efficiency Charge Pump for White LEDs
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com