Electronic Components Datasheet Search
  English  ▼

X  

LTC4055 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4055
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4055 Datasheet HTML 12Page - Linear Technology LTC4055 Datasheet HTML 13Page - Linear Technology LTC4055 Datasheet HTML 14Page - Linear Technology LTC4055 Datasheet HTML 15Page - Linear Technology LTC4055 Datasheet HTML 16Page - Linear Technology LTC4055 Datasheet HTML 17Page - Linear Technology LTC4055 Datasheet HTML 18Page - Linear Technology LTC4055 Datasheet HTML 19Page - Linear Technology LTC4055 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC4055
4055p
OPERATIO
where VPROG is the PROG pin voltage and RPROG is the
total resistance from the PROG pin to ground.
For example, if typical 500mA charge current is required,
calculate:
R
V
mA
k
PROG ==
1
500
50 000
100
•,
For best stability over temperature and time, 1% metal film
resistors are recommended. Under trickle charge condi-
tions, this current is reduced to 10% of the full-scale value.
THE CHARGE TIMER
The programmable charge timer is used to terminate the
charge cycle. The timer duration is programmed by an
external capacitor at the TIMER pin and is also a function
of the resistance on PROG. Typically the charge time is:
t
Hours
C
R
Hours
Fk
TIMER
TIMER
PROG
()
••
.•
=
µ
3
0 1
100
The timer starts when an input voltage greater than the
undervoltage lockout threshold level is applied, or when
leaving shutdown and the voltage on the battery is less
than the recharge threshold. At power up or exiting shut-
down with the battery voltage less than the recharge
threshold, the charge time is a full cycle. If the battery is
greater than the recharge threshold, the timer will not start
and charging is prevented. If after power-up the battery
voltage drops below the recharge threshold, or if after a
charge cycle the battery voltage is still below the recharge
threshold, the charge time is set to one half of a full cycle.
The LTC4055 has a feature that extends charge time
automatically. Charge time is extended if the charge cur-
rent in constant-current mode is reduced due to load
current, undervoltage charge current limiting or thermal
regulation. This change in charge time is inversely propor-
tional to the change in charge current. As the LTC4055
approaches constant-voltage mode the charge current
begins to drop. This change in charge current is part of the
normal charging operation of the part and should not
affect the timer duration. Therefore, the LTC4055 detects
that the change in charge current is due to voltage mode,
and increases the timer period back to its programmed
operating period.
Once a time-out occurs and the voltage on the battery is
greater than the recharge threshold, the charge current
stops, and the CHRG output assumes a high impedance
state to indicate that the charging has stopped.
Connecting the TIMER pin to ground disables the battery
charger.
CHRG STATUS OUTPUT PIN
When the charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET capable of
driving an LED. After a time-out occurs, the pin assumes
a high impedance state.
NTC Thermistor
The battery temperature is measured by placing a negative
temperature coefficient (NTC) thermistor close to the
battery pack. The NTC circuitry is shown in Figure 3. To use
this feature, connect the NTC thermistor, RNTC, between
the NTC pin and ground and a resistor, RNOM, from the
NTC pin to VNTC. RNOM should be a 1% resistor with a value
equal to the value of the chosen NTC thermistor at 25
°C
(this value is 10k for a Vishay NTHS0603N02N1002J
thermistor). The LTC4055 goes into hold mode when the
resistance, RHOT, of the NTC thermistor drops to 0.41
times the value of RNOM or approximately 4.1k, which
should be at 50
°C. The hold mode freezes the timer and
stops the charge cycle until the thermistor indicates a
return to a valid temperature. As the temperature drops,
the resistance of the NTC thermistor rises. The LTC4055
is designed to go into hold mode when the value of the NTC
thermistor increases to 2.82 times the value of RNOM. This
resistance is RCOLD. For a Vishay NTHS0603N02N1002J
thermistor, this value is 28.2k which corresponds to
approximately 0
°C. The hot and cold comparators each
have approximately 3
°C of hysteresis to prevent oscilla-
tion about the trip point. Grounding the NTC pin disables
the NTC function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com