Electronic Components Datasheet Search
  English  ▼

X  

LTC4055 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4055
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 2 Page - Linear Technology

  LTC4055 Datasheet HTML 1Page - Linear Technology LTC4055 Datasheet HTML 2Page - Linear Technology LTC4055 Datasheet HTML 3Page - Linear Technology LTC4055 Datasheet HTML 4Page - Linear Technology LTC4055 Datasheet HTML 5Page - Linear Technology LTC4055 Datasheet HTML 6Page - Linear Technology LTC4055 Datasheet HTML 7Page - Linear Technology LTC4055 Datasheet HTML 8Page - Linear Technology LTC4055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4055
4055p
ORDER PART
NUMBER
(Notes 1, 2, 3, 4, 5)
Terminal Voltage
IN1, IN2, OUT, BAT ................................ –0.3V to 6V
NTC, VNTC, TIMER,
PROG, CLPROG ..................... –0.3V to (VCC + 0.3V)
CHRG, HPWR, SUSP, SHDN,
WALL, ACPR .......................................... –0.3V to 6V
IN2 .......................................................... VIN1 + 0.1V
Pin Current (DC)
IN1, IN2, OUT, BAT (Note 7) ............................. 1.6A
Operating Temperature Range ............... – 40
°C to 85°C
Maximum Operating Junction Temperature......... 125
°C
Reflow Peak Body Temperature ........................... 260
°C
Storage Temperature Range ................ – 65
°C to 125°C
LTC4055EUF
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 5V, VBAT = 3.5V, HPWR = 5V, WALL = 0V,
RPROG = RCLPROG = 100k, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
IN2
BAT
OUT
IN1
TIMER
PROG
GND
CLPROG
4055
UF PART
MARKING
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Voltage
IN1, IN2 and OUT
q
4.35
5.5
V
VBAT
Input Voltage
BAT
q
4.3
V
IIN
Input Supply Current
VBAT = 4.2V
q
0.8
1.6
mA
Suspend Mode
q
50
100
µA
Suspend Mode, Wall = 2V, VOUT = 4.8V
0.2
mA
Shutdown
q
10
20
µA
IOUT
Output Supply Current
VOUT = 5V, VIN1 = VIN2 = 0V, VBAT = 4.2V
q
450
900
µA
IBAT
Battery Drain Current
VBAT = 4.2V, Charging Stopped
q
15
30
µA
Suspend Mode
q
15
30
µA
Shutdown
q
2.5
5
µA
VIN1 = VIN2 = 0V, BAT Powers OUT, No Load q
50
100
µA
ILIM(MAX)
Maximum Current Limit
(Note 8)
1
A
VUVLO
Input or Output Undervoltage Lockout
VIN Powers Part, Rising Threshold
q
3.6
3.8
4
V
VOUT Powers Part, Rising Threshold
q
3.6
3.8
4
V
∆VUVLO
Input or Output Undervoltage Lockout
VIN Rising – VIN Falling or
125
mV
Hysteresis
VOUT Rising – VOUT Falling
Current Limit
ILIM
Current Limit
RCLPROG = 100k, HPWR = 5V
q
465
490
515
mA
RCLPROG = 100k, HPWR = 0V
q
89
97
105
mA
RON
ON Resistance VIN to VOUT
HPWR = 5V, 400mA Load
0.2
Ω
HPWR = 0V, 80mA Load
0.2
Ω
VPROG
Programming Pin Voltage
RCLPROG = RPROG = 100k
q
0.98
1.000
1.02
V
(PROG, CLPROG)
RCLPROG = RPROG = 50k
q
0.98
1.000
1.02
V
ISS
Soft-Start Inrush Current
IN or OUT
5
mA/
µs
VCLEN
Input Current Limit Enable Threshold
VIN Rising
q
3.6
3.8
4
V
∆VCLEN
Input Current Limit Enable Threshold
VIN Rising – VIN Falling
125
mV
VALEN
Automatic Limit Enable Threshold
(VIN – VOUT) VIN Rising
25
50
75
mV
Voltage
(VIN – VOUT) VIN Falling
–75
–50
–25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com