Electronic Components Datasheet Search
  English  ▼

X  

LTC4055EUF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4055EUF
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055EUF Datasheet(HTML) 1 Page - Linear Technology

  LTC4055EUF Datasheet HTML 1Page - Linear Technology LTC4055EUF Datasheet HTML 2Page - Linear Technology LTC4055EUF Datasheet HTML 3Page - Linear Technology LTC4055EUF Datasheet HTML 4Page - Linear Technology LTC4055EUF Datasheet HTML 5Page - Linear Technology LTC4055EUF Datasheet HTML 6Page - Linear Technology LTC4055EUF Datasheet HTML 7Page - Linear Technology LTC4055EUF Datasheet HTML 8Page - Linear Technology LTC4055EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC4055
4055p
USB Power Controller
and Li-Ion Linear Charger
s
Charges Single Cell Li-Ion Batteries Directly from
USB Port
s
Load Dependent Charging Guarantees USB Input
Current Compliance
s
Automatic Battery Switchover When Input Supply
is Removed
s
Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating
s
Selectable 100% or 20% Current Limit
(e.g., 500mA/100mA)
s
Low Loss Full PowerPath
TM Control with Ideal Diode
Operation (Reverse Current Blocking)
s
Preset 4.2V Charge Voltage with 0.8% Accuracy
s
USB Compliant Suspend Mode
s
Programmable Charge Current and Termination Timer
s
Automatic Recharge
s
Soft-Start Limits Inrush Current
s
NTC Thermistor Input for Temperature Qualified
Charging
s
Tiny (4mm
× 4mm × 0.8mm) QFN Package
The LTC
®4055 is a USB power manager and Li-Ion battery
charger designed to work in portable battery-powered
applications. The part manages and limits the total current
used by the USB peripheral for operation and battery
charging. Depending on the state of the current select pin
(HPWR), total input current can be limited to either 100mA
or 500mA. The voltage drop from the USB supply or
battery to the USB peripheral is typically less than 100mV
at 400mA and 20mV at 80mA. Other management features
include: automatic switch over to battery when input is
removed, inrush current limiting, reverse current block-
ing, undervoltage lockout and thermal shutdown.
The LTC4055 includes a complete constant-current/con-
stant-voltage linear charger for single cell Li-ion batteries.
The float voltage applied to the battery is held to a tight
0.8% (typ) tolerance, and charge current is programmable
using an external resistor to ground. Fully discharged cells
are automatically trickle charged at 10% of the pro-
grammed current until the cell voltage exceeds 2.8V. Total
charge time is programmable by an external capacitor to
ground. When the battery drops 100mV below the float
voltage, automatic recharging of the battery occurs. Also
featured is an NTC thermistor input used to monitor
battery temperature while charging.
The LTC4055 is available in a 16-pin low profile
(4mm
× 4mm) QFN package.
s
Portable USB Devices: Cameras, MP3 Players, PDAs
, LTC and LT are registered trademarks of Linear Technology Corporation.
PowerPath is a trademark of Linear Technology Corporation.
+
IN1
IN2
VNTC
NTC
WALL
SHDN
SUSP
HPWR
OUT
Li-Ion
CELL
10
µF
1
Ω
10
µF
TIMER PROG
LTC4055
CLPROG
GND
4055 TA01
TO LDOs,
REGs, ETC
BAT
CHRG
ACPR
0.1
µF
100k
100k
SUSPEND USB POWER
500mA/100mA SELECT
5V (NOM)
FROM USB
CABLE VBUS
ILOAD (mA)
0
300
400
600
500
IIN
400
4055 TA02
200
100
–100
0
100
200
300
600
IBAT
(IDEAL DIODE)
500
IBAT
CHARGING
ILOAD
High Power/Full Charge
RPROG = RCLPROG = 100k
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Electrical Specifications Subject to Change


Similar Part No. - LTC4055EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC4055 LINER-LTC4055 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
More results

Similar Description - LTC4055EUF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
USB Power Controller and Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com