Electronic Components Datasheet Search
  English  ▼

X  

LTC4055EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4055EUF
Description  USB Power Controller and Li-Ion Linear Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055EUF Datasheet(HTML) 5 Page - Linear Technology

  LTC4055EUF Datasheet HTML 1Page - Linear Technology LTC4055EUF Datasheet HTML 2Page - Linear Technology LTC4055EUF Datasheet HTML 3Page - Linear Technology LTC4055EUF Datasheet HTML 4Page - Linear Technology LTC4055EUF Datasheet HTML 5Page - Linear Technology LTC4055EUF Datasheet HTML 6Page - Linear Technology LTC4055EUF Datasheet HTML 7Page - Linear Technology LTC4055EUF Datasheet HTML 8Page - Linear Technology LTC4055EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC4055
4055p
TYPICAL PERFOR A CE CHARACTERISTICS
Input Current Limit vs
Temperature, HPWR = 5V
TEMPERATURE (
°C)
–50
–25
465
485
515
0
50
75
4055 G04
475
505
495
25
100
125
VIN = 5V
VBAT = 3.5V
RPROG = RCLPROG = 100k
RON vs Temperature
Input Current Limit vs
Temperature, HPWR = 0V
TEMPERATURE (
°C)
–50
100.0
102.5
105.0
25
75
4055 G05
97.5
95.0
–25
0
50
100
125
92.5
90.0
VIN = 5V
VBAT = 3.5V
RPROG = RCLPROG = 100k
TEMPERATURE (
°C)
–50
200
225
250
25
75
4055 G06
175
150
–25
0
50
100
125
125
100
ILOAD = 400mA
VIN = 4.5V
VIN = 5.5V
VIN = 5V
PROG Pin Voltage vs Temperature
Battery Regulated Output (Float)
Voltage vs Temperature
CLPROG Pin Voltage
vs Temperature
TEMPERATURE (
°C)
–50
0.995
1.000
1.005
25
75
4055 G07
0.990
0.985
0.980
–25
0
50
1.010
1.015
1.020
100
VIN = 5V
RPROG = 100k
TEMPERATURE (
°C)
–50
0.995
1.000
1.005
25
75
4055 G08
0.990
0.985
0.980
–25
0
50
1.010
1.015
1.020
100
VIN = 5V
RCLPROG = 100k
TEMPERATURE (
°C)
–50
4.195
4.200
4.205
25
75
4055 G09
4.190
4.185
4.180
–25
0
50
4.210
4.215
4.220
100
VIN = 5V
Regulated Output Voltage-
Recharge Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
95
100
105
25
75
4055 G10
90
85
80
–25
0
50
110
115
120
100
VIN = 5V
Battery Regulated Output (Float)
Voltage vs Supply Voltage
VIN (V)
4.5
4.195
4.200
4.205
5.25
5.75
4055 G11
4.190
4.185
4.180
4.75
5
5.5
4.210
4.215
4.220
6
Battery Current and Voltage
vs Time
TIME (MINUTES)
0
200
400
600
100
300
500
0
2
4
6
1
3
5
40
80
120
160
4055 G12
200
20
0
60
100
140
180
CHRG
VBAT
IBAT
0.8AHr CELL
VIN = 5V
TA = 25°C
RPROG = 105k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com