Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 8 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC4411
8
4411f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1103 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1558/LTC1559
Backup Battery Controller with Programmable Output
Adjustable Backup Voltage from 1.2V NiCd Button Cell,
Includes Boost Converter
LTC1998
2.5
µA, 1% Accurate Programmable Battery Detector
Adjustable Trip Voltage/Hysteresis, ThinSOT
LTC4054
800mA Standalone Linear Li-Ion Battery Charger
No External MOSFET, Sense Resistor or Blocking Diode Required,
with Thermal Regulation in ThinSOT
Charge Current Monitor for Gas Gauging, C/10 Charge Termination
LTC4350
Hot Swappable Load Share Controller
Allows N + 1 Redundant Supply, Equally Loads Multiple Power
Supplies Connected in Parallel
LTC4412
PowerPath Controller in ThinSOT
More Efficient than Diode OR’ing, Automatic Switching Between DC
Sources, Simplified Load Sharing, 3V
≤ VIN ≤ 28V
PACKAGE DESCRIPTIO
S5 Package
5-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1635)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 TSOT-23 0302
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
APPLICATIO S I FOR ATIO
Figure 8. Logic Controlled High Side Power Switch
IN
GND
CTL
OUT
STAT
LTC4411
1
2
3
5
4
TO
LOAD
COUT
4.7
µF
4411 F09
SUPPLY
INPUT
LOGIC
INPUT
CIN
1
µF
C
IN: C0805C105K8PAC
COUT: C1206C475K8PAC
High Side Power Switch
Figure 8 illustrates an application circuit for a logic con-
trolled high side power switch. When the CTL pin is a
logical low, the LTC4411 will turn on, supplying current to
the load. When the CTL pin is a logical high, the LTC4411
will turn off and deny power to the load. If the load is
powered from another (higher voltage) source, the supply
connected to VIN remains disconnected from the load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com