Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 2 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC4411
2
4411f
IN, OUT, STAT, CTL Voltage .......................... –0.3 to 6V
Operating Ambient Temperature Range
(Note 2) ...............................................–40
°C to 85°C
Operating Junction Temperature
(Note 3) .............................................–40
°C to 125°C
Storage Temperature Range ..................–65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S5 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W (Note 3)
LTAEN
LTC4411ES5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
5 OUT
4 STAT
IN 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
GND 2
CTL 3
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN, VOUT
Operating Supply Range
q
2.6
5.5
V
IQF
Quiescent Current In Forward Regulation
VIN = 3.6V, ILOAD = 100mA
40
µA
(Note 4)
IQRIN
Quiescent Current While in Reverse
VIN = 3.6V
q
1.3
1.8
2.3
µA
Turn-Off. Current Drawn from VIN
VOUT = 3.7V
IQROUT
Quiescent Current While in Reverse
VIN = 3.6V
q
14
17
23
µA
Turn-Off. Current Drawn from VOUT
VOUT = 3.7V
ILEAK
VIN Current When VOUT Supplies Power
VIN = 0V, VOUT = 5.5V
–1
1
µA
VFWD
Forward Turn-On Voltage (VIN – VOUT)VIN = 3.6V
q
817
28
mV
–VRTO
Reverse Turn-Off Voltage (VOUT – VIN)VIN = 3.6V
0
5
14
mV
RFWD
Forward ON Resistance,
∆(VIN-VOUT)/∆(ILOAD)VIN = 3.6V, 80µA < ILOAD < 1A
q
100
140
m
Ω
RON
ON Resistance in Constant RON Mode
VIN = 3.6V, ILOAD = 1000mA
q
140
245
m
Ω
UVLO
Undervoltage Lockout
VIN Rising, 0°C < TA < 85°C
2.5
V
VIN Rising
q
2.6
V
VIN Falling
q
1.6
V
STAT Output
IS(SNK)
STAT Pin Sink Current
VIN = 3.6V, VOUT > VIN + VRTO,
7
11
18
µA
VCTL > VTH + VHYST
IS(OFF)
STAT Pin Off Current
VIN = 3.6V, VOUT < VIN – VFWD,–1
1
µA
VCTL < VTH – VHYST
tS(ON)
STAT Pin Turn-On Time
1.2
1.4
µs
tS(OFF)
STAT Pin Turn-Off Time
1.1
1.25
µs
CTL Input
VTH
CTL Input Threshold Voltage
VTH = (VIL + VIH)/2
q
390
460
530
mV
VHYST
CTL Input Hysteresis
VHYST = (VIH – VIL)90
mV
ICTL
CTL Input Pull-Down Current
VOUT < VIN = 3.6V, VCTL = 1.5V
q
2
3.5
6
µA
Short-Circuit Response
IOC
Current Limit
VIN = 3.6V (Note 5)
1.8
2.6
A
IQOC
Quiescent Current While In
VIN = 3.6V, IOUT = 1.8A
575
1100
µA
Overcurrent Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com