Electronic Components Datasheet Search
  English  ▼

X  

D22042LP Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22042LP
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22042LP Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  D22042LP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A27
A
www.nkkswitches.com
AT444 Bat Lever
Conical Cap
Material:
Polyethylene
Colors Available:
A B C E F G
AT415
Bat Lever Cap
Material:
Polyethylene
Colors Available:
A B C E F G
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note:
Terminal numbers are not
actually on the switch.
SP
D22012
D22013
D22015
D22018
D22019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
D22022
D22023
D22025
D22028
D22029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
4P
D22042
ON
NONE
ON
2-3 5-6
8-9 11-12
OPEN
2-1 5-4
8-7 11-10
4PDT
ACTUATORS
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
L
OPTIONAL CAPS & CAP COLORS
Material:
Chrome over brass
Material:
Chrome over brass
.413” (10.5mm)
Bat Lever
No Code
.413” (5.1mm) Diameter
Locking Lever
PC TERMINALS
11
10
12
7
9
4
6
1
3
2
58
(COM)
Straight
Straight with
Bracket
P
B
Right Angle
with Bracket
Vertical
with Bracket
V
H
AT427 Cap Supplied
with Locking Lever
Material:
Anodized
Aluminum
Colors Available:
A C G
(2.8) Dia
.110
24°
(10.5)
.413
(5.1) Dia
.201
24°
M6 P0.75
(17.9)
.705
(6.1)
.240
(19.4)
.764
(8.0)
.315
(4.6) Dia
.181
(7.0)
.275
(5.1) Dia
.201
24°
(17.9)
.705
(19.4)
.764
(8.0)
.315
(4.6) Dia
.181
(4.8) Dia
.189
(13.1)
.516
(11.5)
.452
24°
24°
(5.0) Dia
.197
(13.5)
.532
(12.0)
.472
A Black
B White
C Red
E Yellow
F Green
G Blue
Colors Codes:
Keyway
Keyway



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com