Electronic Components Datasheet Search
  English  ▼

X  

D22042LP Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22042LP
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22042LP Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  D22042LP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22042LP Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A24
A
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 48V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 48V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
100,000 operations minimum for bat lever models
50,000 operations minimum for locking lever models
Electrical Life:
50,000 operations minimum
Contact Timing:
Nonshorting (break-before-make)
Angle of Throw:
24°
Materials & Finishes
Toggle/Lever:
Brass with chrome plating
Bushing:
Brass with nickel plating
Support Bracket:
Straight PC: phosphor bronze with tin plating; right angle & vertical: brass with tin plating
Housing:
Polybutylene terephthalate (PBT) (UL94V-0)
Base:
1- and 2-pole GFR polyamide (UL94V-0); 4-pole liquid crystal polymer (LCP) (UL94V-0)
Movable Contacts:
Phosphor bronze with gold plating
Stationary Contacts:
Brass with gold plating
Terminals:
Brass with gold plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering recommended. See Profile A in Supplement section.
Manual Soldering: 1- & 2-pole: 3 seconds maximum @ 350°C maximum;
4-pole: 4 seconds maximum @ 410°C maximum
Cleaning:
Hand clean locally using alcohol based solution.
See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 rated housing & base
The D2 Series toggles have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-current, logic level circuit.
When used as intended in a logic level circuit, the results do not produce hazardous energy.


Similar Part No. - D22042LP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
D2204 TOSHIBA-D2204 Datasheet
138Kb / 5P
Silicon NPN Triple Diffused Type
logo
Seme LAB
D2204UK SEME-LAB-D2204UK Datasheet
36Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 20W - 12.5V - 900MHz SINGLE ENDED
More results

Similar Description - D22042LP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com