Electronic Components Datasheet Search
  English  ▼

X  

NE686 Datasheet(PDF) 4 Page - NEC

Part # NE686
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE686 Datasheet(HTML) 4 Page - NEC

  NE686 Datasheet HTML 1Page - NEC NE686 Datasheet HTML 2Page - NEC NE686 Datasheet HTML 3Page - NEC NE686 Datasheet HTML 4Page - NEC NE686 Datasheet HTML 5Page - NEC NE686 Datasheet HTML 6Page - NEC NE686 Datasheet HTML 7Page - NEC NE686 Datasheet HTML 8Page - NEC NE686 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Collector Current, IC (mA)
Collector to Base Voltage, VCB (V)
D.C. CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, IC (mA)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
NE68618
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
VCE = 1 V
VCE = 2 V
500
200
100
50
20
10
1
25
10
20
50
100
18
16
14
12
10
8
6
4
1
25
10
f = 2 GHz
2 V
VCE = 1 V
VCE = 2 V
50
40
30
20
10
0
0
0.5
1.0
0.8
0.6
0.4
0.2
0.0
2.0
4.0
6.0
8.0
10.0
f = 1 MHz
NE68630
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector Current, IC (mA)
NE68618
INSERTION GAIN vs.
COLLECTOR CURRENT
NE68633
NOISE FIGURE vs.
COLLECTOR CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25°C)
f = 2 GHz
VCE = 1 V
VCE = 2 V
4
3
2
1
0
12
5
10
20
100
14
12
10
8
6
4
1
25
10
f = 2 GHz
VCE = 1 V
2 V
Base to Emitter Voltage, VBE (V)
NE686 SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com