Electronic Components Datasheet Search
  English  ▼

X  

NE686 Datasheet(PDF) 7 Page - NEC

Part # NE686
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE686 Datasheet(HTML) 7 Page - NEC

Back Button NE686 Datasheet HTML 3Page - NEC NE686 Datasheet HTML 4Page - NEC NE686 Datasheet HTML 5Page - NEC NE686 Datasheet HTML 6Page - NEC NE686 Datasheet HTML 7Page - NEC NE686 Datasheet HTML 8Page - NEC NE686 Datasheet HTML 9Page - NEC NE686 Datasheet HTML 10Page - NEC NE686 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VCE = 2.0 V, IC = 3.0 mA
VCE = 1.0 V, IC = 5.0 mA
0.1
0.826
-13.600
11.659
165.100
0.023
80.000
0.949
-11.200
0.194
27.049
0.4
0.613
-46.800
8.787
130.400
0.073
66.900
0.736
-35.200
0.471
20.805
0.8
0.379
-69.300
5.730
105.800
0.116
62.200
0.520
-47.300
0.753
16.937
1.0
0.303
-75.700
4.805
98.200
0.134
61.600
0.459
-49.900
0.842
15.546
1.5
0.190
-86.800
3.434
83.800
0.181
60.900
0.375
-52.900
0.959
12.781
2.0
0.123
-93.300
2.693
73.300
0.227
59.400
0.338
-54.600
1.012
10.084
2.5
0.074
-93.100
2.251
64.500
0.273
57.300
0.321
-56.500
1.032
8.058
3.0
0.043
-80.100
1.958
56.800
0.316
54.700
0.315
-59.400
1.040
6.692
4.0
0.029
17.700
1.595
44.000
0.401
48.600
0.294
-67.500
1.040
4.770
5.0
0.088
80.400
1.427
32.300
0.480
41.700
0.218
-82.000
1.028
3.714
0.1
0.898
-9.500
8.250
168.600
0.022
83.000
0.975
-7.900
0.132
25.740
0.4
0.749
-35.900
6.999
139.900
0.075
69.200
0.841
-27.500
0.357
19.700
0.8
0.525
-57.500
5.127
114.800
0.121
60.800
0.645
-41.300
0.625
16.271
1.0
0.438
-64.300
4.423
106.300
0.138
59.000
0.577
-44.900
0.727
15.058
1.5
0.297
-75.100
3.271
90.100
0.178
57.400
0.470
-49.400
0.896
12.643
2.0
0.209
-80.300
2.599
78.700
0.217
56.200
0.416
-51.600
0.988
10.783
2.5
0.148
-81.000
2.187
69.000
0.256
55.000
0.389
-53.100
1.033
8.201
3.0
0.107
-73.500
1.909
60.900
0.294
53.300
0.375
-55.300
1.056
6.682
4.0
0.064
-42.400
1.558
47.800
0.370
49.000
0.349
-60.600
1.068
4.653
5.0
0.049
43.000
1.397
36.400
0.444
43.600
0.276
-69.000
1.057
3.522
See note on next page
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE686 SERIES
VCE = 1.0 V, IC = 3.0 mA
NE68630
0.1
0.958
-5.400
3.367
172.000
0.025
84.700
0.991
-5.000
0.099
21.293
0.4
0.910
-22.800
3.220
153.400
0.092
73.800
0.949
-18.900
0.194
15.441
0.8
0.785
-42.300
2.873
131.200
0.162
61.200
0.843
-34.100
0.366
12.488
1.0
0.712
-50.100
2.675
121.800
0.189
56.600
0.788
-40.100
0.451
11.509
1.5
0.557
-67.000
2.254
102.100
0.234
48.200
0.665
-51.500
0.636
9.837
2.0
0.438
-80.000
1.929
87.000
0.264
43.800
0.577
-58.900
0.785
8.637
2.5
0.340
-90.100
1.708
74.600
0.288
41.800
0.516
-64.200
0.903
7.731
3.0
0.262
-98.500
1.552
64.300
0.310
40.900
0.475
-68.800
0.985
6.995
4.0
0.137
-117.500
1.336
47.900
0.364
40.300
0.407
-76.700
1.073
3.998
5.0
0.081
159.300
1.247
33.800
0.432
37.900
0.318
-89.800
1.072
2.961
VCE = 1.0 V, IC = 1.0 mA
0.1
0.887
-10.600
8.217
167.700
0.024
81.700
0.969
-8.500
0.154
25.345
0.4
0.718
-40.600
6.754
137.100
0.078
66.700
0.815
-28.700
0.386
19.375
0.8
0.480
-64.500
4.780
111.800
0.121
58.200
0.612
-41.300
0.676
15.966
1.0
0.391
-72.000
4.086
103.500
0.138
56.800
0.546
-44.200
0.785
14.714
1.5
0.251
-85.900
2.992
87.800
0.176
55.700
0.447
-47.600
0.962
12.304
2.0
0.165
-94.200
2.373
76.600
0.214
55.000
0.399
-49.000
1.054
9.032
2.5
0.098
-96.600
1.993
67.300
0.252
54.100
0.375
-50.200
1.100
7.058
3.0
0.051
-88.500
1.745
59.200
0.288
52.600
0.363
-52.200
1.118
5.731
4.0
0.042
17.300
1.428
46.400
0.362
48.400
0.337
-56.900
1.124
3.817
5.0
0.099
60.800
1.280
35.400
0.433
43.400
0.264
-63.300
1.104
2.741
Coordinates in Ohms
Frequency in GHz
(VCE = 1 V, IC = 3 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
.3
.4
.2
7.5
5
2.5
.1
S12
0.1 GHz
S21
0.1 GHz
S21
5 GHz
S12
5 GHz
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com