Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 153 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 153 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 149Page - Teccor Electronics P3002ACMC Datasheet HTML 150Page - Teccor Electronics P3002ACMC Datasheet HTML 151Page - Teccor Electronics P3002ACMC Datasheet HTML 152Page - Teccor Electronics P3002ACMC Datasheet HTML 153Page - Teccor Electronics P3002ACMC Datasheet HTML 154Page - Teccor Electronics P3002ACMC Datasheet HTML 155Page - Teccor Electronics P3002ACMC Datasheet HTML 156Page - Teccor Electronics P3002ACMC Datasheet HTML 157Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 212 page
background image
UL 497A
© 2002 Teccor Electronics
4 - 29
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 4.10 UL 497A Breakdown Voltage Measurement Test
Figure 4.11 UL 497A Overvoltage Test
Test
Specimen
C1
R2
10
Ω
5 W
R1
50,000
Ω
25 W
Variable DC Supply
0-1000 V
V
Equipment
Under Test
Secondary Protector
Simulator or
Wiring Station
Circuit for Common Mode (Longitudinal)
Overvoltage Tests
Circuit for Differential Mode (Metallic)
Overvoltage Tests
Timed
Switch
Equipment
Ground
Current
Limiting
Resistors
Variable
AC Voltage
Source
Equipment
Under Test
Telecommunication
Network Connection
Points
Secondary Protector
Simulator or
Wiring Station
Timed
Switch
Current
Limiting
Resistor
Variable
Voltage
Source
Equipment
Ground
Equipment
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com