Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 155 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 155 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 151Page - Teccor Electronics P3002ACMC Datasheet HTML 152Page - Teccor Electronics P3002ACMC Datasheet HTML 153Page - Teccor Electronics P3002ACMC Datasheet HTML 154Page - Teccor Electronics P3002ACMC Datasheet HTML 155Page - Teccor Electronics P3002ACMC Datasheet HTML 156Page - Teccor Electronics P3002ACMC Datasheet HTML 157Page - Teccor Electronics P3002ACMC Datasheet HTML 158Page - Teccor Electronics P3002ACMC Datasheet HTML 159Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 212 page
background image
UL 497B
© 2002 Teccor Electronics
4 - 31
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
voltage after being subjected to 500 discharges from a 0.001 µF capacitor charged to
10,000 V dc. The discharges are applied in five-second intervals between one side of the
protector and Ground. Upon completion of the discharge tests, protectors are once again
required to meet the strike voltage requirement. (Figure 4.13)
Note: The epoxy used to construct a SIDACtor device body meets UL 94V-0 requirements
for flammability.
Figure 4.12 UL 497B Strike Voltage Breakdown Test
Figure 4.13 UL 497B Discharge Test
Test
Specimen
C1
R2
10
Ω
5 W
R1
50,000
Ω
25 W
Variable DC Supply
0-1000 V
V
Test
Specimen
Spot
Switch
C1
R2
10
Ω
5 W
R1
5 M
Ω
50 W
Variable
DC Supply
*
0-12,000 V
*Or Voltage Capability Necessary to
Develop 10,000 V Across Capacitor
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com