Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 158 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 158 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 154Page - Teccor Electronics P3002ACMC Datasheet HTML 155Page - Teccor Electronics P3002ACMC Datasheet HTML 156Page - Teccor Electronics P3002ACMC Datasheet HTML 157Page - Teccor Electronics P3002ACMC Datasheet HTML 158Page - Teccor Electronics P3002ACMC Datasheet HTML 159Page - Teccor Electronics P3002ACMC Datasheet HTML 160Page - Teccor Electronics P3002ACMC Datasheet HTML 161Page - Teccor Electronics P3002ACMC Datasheet HTML 162Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 212 page
background image
Regulatory Compliant Solutions
http://www.teccor.com
4 - 34
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Regulatory Compliant Solutions
When determining the most appropriate solution to meet the lightning and AC power fault
conditions for regulatory requirements, coordination is essential between the SIDACtor
device, fuse, and any series impedance that may be used.
Figure 4.14 through Figure 4.19 show templates in which this coordination is considered for
the most cost effective and reliable solutions available. For exact design criteria and
information regarding the applicable regulatory requirements, refer to the SIDACtor device
and fuse selection criteria in this Section 4, “Regulatory Requirements”, and in Section 5,
“Technical Notes”.
GR 1089 and ITU-T K.20 and K.21
Figure 4.14 and Figure 4.15 show line interface protection circuits to meet GR 1089 surge
immunity requirements without the additional use of series resistance. Use the “C” series
SIDACtor device and F1250T to meet GR 1089 surge immunity requirements. Use the
“A” series SIDACtor device and F0500T to meet ITU-T K.20 and K.21 basic surge immunity
requirements without the additional use of resistance.
The enhanced surge immunity requirements of ITU K.20 and K.21 require the use of “C”
rated SIDACtor devices if no series resistor is used.
.
Figure 4.14 Balanced Line Protection using Teccor’s “AC” or “AA” series
Figure 4.15 Metallic-only Solution using Teccor’s “SC” or “SA” series.
Tip
Ring
To
Protected
Equipment
F1250T
F1250T
Tip
Ring
To
Protected
Equipment
F1250T / F0500T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com