Electronic Components Datasheet Search
  English  ▼

X  

RW-D Datasheet(PDF) 1 Page - Recom International Power

Part # RW-D
Description  DIP24 Low Profile Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-D Datasheet(HTML) 1 Page - Recom International Power

  RW-D Datasheet HTML 1Page - Recom International Power RW-D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RW-D
Input Voltage Range
2:1
Output Voltage Accuracy
±1% typ. / ±2% max.
Line Voltage Regulation
0.1% typ. / 0.2% max.
Load Voltage Regulation (10% to 100% full load)
0.2% typ. / 0.5% max.
Minimum Load
10% (2)
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Operating Frequency
100KHz min. / 150kHz typ.
Efficiency at Full Load
See above
No Load Power Consumption
250mW max.
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute*)
1500VAC / 60Hz
Isolation Capacitance
20pF min. / 40pF typ. / 60pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
continued on next page
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
DIP24 Miniature
(VDC)
(VDC)
(mA)
%
Load(1)
RW-0505D
4.5 – 9
±5
±300
71
±2200µF
RW-0509D
4.5 – 9
±9
±167
73
±1000µF
RW-0512D
4.5 – 9
±12
±125
74
±1000µF
RW-0515D
4.5 – 9
±15
±100
75
±1000µF
RW-1205D
9 – 18
±5
±300
76
±2200µF
RW-1209D
9 – 18
±9
±167
80
±1000µF
RW-1212D
9 – 18
±12
±125
83
±1000µF
RW-1215D
9 – 18
±15
±100
83
±1000µF
RW-2405D
18 – 36
±5
±300
78
±2200µF
RW-2409D
18 – 36
±9
±167
81
±1000µF
RW-2412D
18 – 36
±12
±125
85
±1000µF
RW-2415D
18 – 36
±15
±100
85
±1000µF
RW-4805D
36 – 72
±5
±300
78
±2200µF
RW-4809D
36 – 72
±9
±167
82
±1000µF
RW-4812D
36 – 72
±12
±125
84
±1000µF
RW-4815D
36 – 72
±15
±100
84
±1000µF
3 Watt
DIP24
Low Profile
Regulated
Dual Output
● DIP24 Low Profile Package
● Dual Outputs from a Single Supply
● 2:1 Wide Range Voltage Input
● 3kVDC Isolation
● UL94V-0 Package Material
● Continuous Short Circuit Protection
● Low profile 7mm Height
● Approved for Medical Applications
● Efficiency to 85 %
Features
Regulated
Converters
Selection Guide
The RW_D series with 2:1 input voltage ranges and maximum height of 7,0 mm has been
designed for industrial automation and medical markets where a dual output rail needs to be
generated from a single rail source. The converters supply the full 3 Watts without additional
heat-sinks over the temperature range -40°C to +85°C.
Specifications (Core Operating Area)
Description
100
60
20
40
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
90
2 W
1 W
3 W
95
Derating-Graph
(Ambient Temperature)
EN-60950-1 Certified
EN-60601-1 Certified
Refer to Application Notes
RoHS
2011/65/EU
6/6
*Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
E-137
www.recom-power.com


Similar Part No. - RW-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-0505D RECOM-RW-0505D Datasheet
83Kb / 2P
3 Watt DIP24 low Profile package Dual Regulated Output
RW-0505S RECOM-RW-0505S Datasheet
81Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RW-0505S RECOM-RW-0505S Datasheet
87Kb / 2P
2 Watt DIP24/SMD low Profile package Single Output
RW-0505S RECOM-RW-0505S Datasheet
91Kb / 3P
3 Watt DIP24/SMD Low Profile Package Single Output
RW-0505S RECOM-RW-0505S Datasheet
99Kb / 3P
DIP24 Low Profile Miniature Package
More results

Similar Description - RW-D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
2 Watt DIP24/SMD low Profile package Single Output
RW-1205D RECOM-RW-1205D Datasheet
87Kb / 2P
3 Watt DIP24 low Profile package Dual Regulated Output
RW-0505D RECOM-RW-0505D Datasheet
83Kb / 2P
3 Watt DIP24 low Profile package Dual Regulated Output
RW-053.3S RECOM-RW-053.3S_06 Datasheet
91Kb / 3P
3 Watt DIP24/SMD Low Profile Package Single Output
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
Low profile package
logo
Shanghai Semitech Semic...
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
Low profile package
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
Low profile package
logo
Recom International Pow...
RW-S RECOM-RW-S Datasheet
99Kb / 3P
DIP24 Low Profile Miniature Package
REC3-SDR RECOM-REC3-SDR Datasheet
93Kb / 2P
Low Cost 3W converter in DIP24 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com