Electronic Components Datasheet Search
  English  ▼

X  

RW-D Datasheet(PDF) 2 Page - Recom International Power

Part # RW-D
Description  DIP24 Low Profile Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW-D Datasheet(HTML) 2 Page - Recom International Power

  RW-D Datasheet HTML 1Page - Recom International Power RW-D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications (Core Operating Area)
Package Style and Pinning (mm)
RW-xxxxD
Series
ECONOLINE
DC/DC-Converter
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
RECOM
RW-1205D
****
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
7.00
17.50
2.54
Recommended Footprint Details
24 PIN DIP Miniature Package Style
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin
Dual
2 & 3
-Vin
9 & 16
Com
11
-Vout
14
+Vout
22 & 23
+Vin
NC = No Connection
Storage Temperature Range
-55°C to +125°C
Case Material
Non-Conductive Black Plastic
Potting Material
Epoxy ( UL94V-0 )
Relative Humidity
95% RH
Package Weight
7.7g
Packing Quantity
15pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1636 x 103 hours
(+85°C)
using MIL-HDBK 217F
303 x 103 hours
Certifications
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 + A11:2009+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
}
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
4815
RW-xx15D
Detailed Information see
Application Notes chapter "MTBF"
Typical Performance
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The RW-D series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-138



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com