Electronic Components Datasheet Search
  English  ▼

X  

AVD85 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVD85
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVD85 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVD85 Datasheet HTML 1Page - Artesyn Technologies AVD85 Datasheet HTML 2Page - Artesyn Technologies AVD85 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVD85 Series Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-55 °C to +125 °C
Humidity
5% to 95% (non-condensing)
MTBF
2 Million hours
RoHS Compliant
Pin Assignments
Pin #
Function
1
+V in
2
Enable
3
-V in
4
-V out
5
- Sense
6
Trim
7
+Sense
8
+V out
Ordering Information
Model number
Input voltage
Output voltage
Power
AVD85-48S3V3-6L
36 - 75 Vin
3.3 V @ 25 A
82.5 W
AVD85-48S3V3TL
36 - 75 Vin
3.3 V @ 25 A
82.5 W
AVD85-48S3V3B-6L
36 - 75 Vin
3.3 V @ 25 A
82.5 W
AVD85-48S05-6L
36 - 75 Vin
5 V @ 17 A
85 W
AVD85-48S05B-6L
36 - 75 Vin
5 V @ 17 A
85 W
AVD85-48S05TL
36 - 75 Vin
5 V @ 17 A
85 W
AVD85-48S12TL
36 - 75 Vin
12 V @ 7 A
84 W
AVD85-48S12-6L
36 - 75 Vin
12 V @ 7 A
84 W
AVD85-48S12B-6L
36 - 75 Vin
12 V @ 7 A
84 W
Notes:
Standard version is negative enable
-6 = 3.8 mm pin length
B = Baseplate version
T = Surface mount, reel tape package
L = RoHS 6 compliance
P = Positive enable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com