Electronic Components Datasheet Search
  English  ▼

X  

AVD85 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # AVD85
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVD85 Datasheet(HTML) 3 Page - Artesyn Technologies

  AVD85 Datasheet HTML 1Page - Artesyn Technologies AVD85 Datasheet HTML 2Page - Artesyn Technologies AVD85 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
AVD85 Series Data Sheet
AVD85 Series-DS 14Oct2016
Mechanical Drawings
6-Ø1.0±0.1
6-Ø1.8±0.1
LOAD BOARD
SIDE VIEW
2-Ø1.5±0.1
2-Ø2.3±0.1
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
AVD85
6-Ø1.5±0.1
LOAD BOARD
SIDE VIEW
2-Ø2.0±0.1
UNIT: mm[inch]
BOTTOM VIEW: pin on upside
TOLERANCE: X.Xmm±0.5mm[X.XX in.±0.02in.]
X.XXmm±0.25mm[X.XXX in.±0.01in.]
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
6-Ø1.0±0.1
6-Ø1.8±0.1
LOAD BOARD
SIDE VIEW
2-Ø1.5±0.1
2-Ø2.3±0.1
7
6
5
4
3
2
1
8
BOTTOM VIEW
33[1.299]
28.00[1.102]
AVD85/120-B
TL (Surface Mount)
Notes:
1.
All specifications are subject to change without notice.
Mechanical drawings are for reference only.
2.
Label and logo appearance may vary from what is shown on
mechanical drawings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com