Electronic Components Datasheet Search
  English  ▼

X  

AVO100 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AVO100
Description  Low ripple and noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO100 Datasheet(HTML) 1 Page - Artesyn Technologies

  AVO100 Datasheet HTML 1Page - Artesyn Technologies AVO100 Datasheet HTML 2Page - Artesyn Technologies AVO100 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AVO100 Series
100 Watts
Total Power: 100 Watts
Input Voltage: 36 - 75 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
2:1 wide input range
ƒ
Optimised for high density, small
space applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
High efficiency
ƒ
High capacitive load capability
ƒ
Basic insulation system
ƒ
Pre-bias start-up capability
ƒ
Open-frame structure
ƒ
Output overcurrent protection
SAFETY
ƒ
UL, cUL: UL60950
ƒ
TUV/CE: IEC/EN60950
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-55 °C to +125 °C
Humidity
5% to 95% (non-condensing)
MTBF
2.5 Million hours
RoHS Compliant
Electrical Specifications
Input
Input range
36 - 75 VDC
Efficiency2
92.8% @ 5 V
Output
Voltage tolerance
+/-1.5%
Line regulation
3.3 V: 0.3%; Others: 0.1%
Load regulation
3.3 V: 0.6%; 5 V: 0.2%; Others: 0.1%
Noise/ripple
3.3 Vo: 3.3V: 60 mV; 5V: 90 mV;
5.0 Vo: Others: 75 mV
Overvoltage protection
Overtemperature protection
Auto-restart
Switching frequency
3.3 V, 5 V: 310 KHz; Others: 210 KHz
Temperature co-efficient
±0.02/°C
Isolation
I/O isolation
5 V: 2250 VDC; Others: 1500V DC


Similar Part No. - AVO100

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AVO100 ADVANCEDENERGY-AVO100 Datasheet
398Kb / 5P
100 Watts
logo
Artesyn Technologies
AVO100-48S05-6L ARTESYN-AVO100-48S05-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVO100-48S05B-6L ARTESYN-AVO100-48S05B-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVO100-48S05P-6L ARTESYN-AVO100-48S05P-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVO100-48S05PB-6L ARTESYN-AVO100-48S05PB-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
More results

Similar Description - AVO100

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
Low Ripple and Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com