Electronic Components Datasheet Search
  English  ▼

X  

AVO100 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVO100
Description  Low ripple and noise
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO100 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVO100 Datasheet HTML 1Page - Artesyn Technologies AVO100 Datasheet HTML 2Page - Artesyn Technologies AVO100 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVO100 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVO100-48S1V2-6L
36 - 75 Vin
1.2 V @ 50 A
60 W
AVO100-48S1V2B-6L
36 - 75 Vin
1.2 V @ 50 A
60 W
AVO100B-48S1V5-6L
36 - 75 Vin
1.5 V @ 40 A
60 W
AVO100B-48S1V5B-6L
36 - 75 Vin
1.5 V @ 40 A
60 W
AVO100B-48S1V5P-6L
36 - 75 Vin
1.5 V @ 40 A
60 W
AVO100B-48S1V5PB-6L
36 - 75 Vin
1.5 V @ 40 A
60 W
AVO100-48S1V8-6L
36 - 75 Vin
1.8 V @ 40 A
72 W
AVO100-48S1V8B-6L
36 - 75 Vin
1.8 V @ 40 A
72 W
AVO100-48S1V8P-6L
36 - 75 Vin
1.8 V @ 40 A
72 W
AVO100-48S1V8PB-6L
36 - 75 Vin
1.8 V @ 40 A
72 W
AVO100-48S2V5-6L
36 - 75 Vin
2.5 V @ 35 A
87.5 W
AVO100-48S2V5B-6L
36 - 75 Vin
2.5 V @ 35 A
87.5 W
AVO100-48S2V5P-6L
36 - 75 Vin
2.5 V @ 35 A
87.5 W
AVO100-48S2V5PB-6L
36 - 75 Vin
2.5 V @ 35 A
87.5 W
AVO100B-48S3V3-6L
36 - 75 Vin
3.3 V @ 30 A
99 W
AVO100B-48S3V3SL
36 - 75 Vin
3.3 V @ 30 A
99 W
AVO100C-48S3V3B-4L
36 - 75 Vin
3.3 V @ 30 A
99 W
AVO100C-48S3V3PB-4L
36 - 75 Vin
3.3 V @ 30 A
99 W
AVO100-48S05-6L
36 - 75 Vin
5 V @ 20 A
100 W
AVO100-48S05B-6L
36 - 75 Vin
5 V @ 20 A
100 W
AVO100-48S05P-6L
36 - 75 Vin
5 V @ 20 A
100 W
AVO100-48S05PB-6L
36 - 75 Vin
5 V @ 20 A
100 W
AVO100-48S05SL
36 - 75 Vin
5 V @ 20 A
100 W
- Standard version is negative enable
- “-6” = 3.8 mm pin length
- “-4” = 4.8 mm pin length
- “-P” = Positive enable
- “-S” = Surface mount, tray package
- “-L” = RoHS 6 compliance
- “-B” = Baseplate



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com